công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F883-E/PTSQTP bảng dữ liệu(PDF) 138 Page - Microchip Technology

tên linh kiện PIC16F883-E/PTSQTP
Giải thích chi tiết về linh kiện  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/PTSQTP bảng dữ liệu(HTML) 138 Page - Microchip Technology

Back Button PIC16F883-E/PTSQTP Datasheet HTML 134Page - Microchip Technology PIC16F883-E/PTSQTP Datasheet HTML 135Page - Microchip Technology PIC16F883-E/PTSQTP Datasheet HTML 136Page - Microchip Technology PIC16F883-E/PTSQTP Datasheet HTML 137Page - Microchip Technology PIC16F883-E/PTSQTP Datasheet HTML 138Page - Microchip Technology PIC16F883-E/PTSQTP Datasheet HTML 139Page - Microchip Technology PIC16F883-E/PTSQTP Datasheet HTML 140Page - Microchip Technology PIC16F883-E/PTSQTP Datasheet HTML 141Page - Microchip Technology PIC16F883-E/PTSQTP Datasheet HTML 142Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 288 page
background image
PIC16F882/883/884/886/887
DS41291D-page 136
Preliminary
© 2007 Microchip Technology Inc.
11.6.2
FULL-BRIDGE MODE
In Full-Bridge mode, all four pins are used as outputs.
An example of Full-Bridge application is shown in
Figure 11-10.
In the Forward mode, pin CCP1/P1A is driven to its
active state, pin P1D is modulated, while P1B and P1C
will be driven to their inactive state as shown in
Figure 11-11.
In the Reverse mode, P1C is driven to its active state,
pin P1B is modulated, while P1A and P1D will be driven
to their inactive state as shown Figure 11-11.
P1A, P1B, P1C and P1D outputs are multiplexed with
the PORT data latches. The associated TRIS bits must
be cleared to configure the P1A, P1B, P1C and P1D
pins as outputs.
FIGURE 11-10:
EXAMPLE OF FULL-BRIDGE APPLICATION
P1A
P1C
FET
Driver
FET
Driver
V+
V-
Load
FET
Driver
FET
Driver
P1B
P1D
QA
QB
QD
QC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More