| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F946-E/ML bảng dữ liệu(PDF) 49 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F946-E/ML bảng dữ liệu(HTML) 49 Page - Microchip Technology |
|
49 / 330 page ![]() © 2007 Microchip Technology Inc. DS41250F-page 47 PIC16F913/914/916/917/946 3.2.1.3 RA2/AN2/C2+/VREF-/COM2 Figure 3-3 shows the diagram for this pin. The RA2 pin is configurable to function as one of the following: • a general purpose I/O • an analog input for the ADC • an analog input for Comparator C2 • a voltage reference input for the ADC • an analog output for the LCD FIGURE 3-3: BLOCK DIAGRAM OF RA2 Q D Q CK Data Latch TRIS Latch RD TRISA RD PORTA Q D Q CK To A/D Converter and Comparator COM2 Data Bus WR PORTA WR TRISA To A/D Module VREF- Input Analog Input or I/O Pin TTL Input Buffer LCDEN and LMUX<1:0> = 1X LCDEN and LMUX<1:0> = 1X LCDEN and LMUX<1:0> = 1X VDD VSS |