| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F917-E/ML bảng dữ liệu(PDF) 38 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F917-E/ML bảng dữ liệu(HTML) 38 Page - Microchip Technology |
|
38 / 330 page ![]() PIC16F913/914/916/917/946 DS41250F-page 36 © 2007 Microchip Technology Inc. 2.2.2.5 PIE2 Register The PIE2 register contains the interrupt enable bits, as shown in Register 2-5. Note: Bit PEIE of the INTCON register must be set to enable any peripheral interrupt. REGISTER 2-5: PIE2: PERIPHERAL INTERRUPT ENABLE REGISTER 2 R/W-0 R/W-0 R/W-0 R/W-0 U-0 R/W-0 U-0 R/W-0 OSFIE C2IE C1IE LCDIE —LVDIE —CCP2IE(1) bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 7 OSFIE: Oscillator Fail Interrupt Enable bit 1 = Enables oscillator fail interrupt 0 = Disables oscillator fail interrupt bit 6 C2IE: Comparator C2 Interrupt Enable bit 1 = Enables Comparator C2 interrupt 0 = Disables Comparator C2 interrupt bit 5 C1IE: Comparator C1 Interrupt Enable bit 1 = Enables Comparator C1 interrupt 0 = Disables Comparator C1 interrupt bit 4 LCDIE: LCD Module Interrupt Enable bit 1 = Enables LCD interrupt 0 = Disables LCD interrupt bit 3 Unimplemented: Read as ‘0’ bit 2 LVDIE: Low Voltage Detect Interrupt Enable bit 1 = Enables LVD Interrupt 0 = Disables LVD Interrupt bit 1 Unimplemented: Read as ‘0’ bit 0 CCP2IE: CCP2 Interrupt Enable bit(1) 1 = Enables the CCP2 interrupt 0 = Disables the CCP2 interrupt Note 1: PIC16F914/PIC16F917/PIC16F946 only. |