| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F258-E/PQTP bảng dữ liệu(PDF) 11 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F258-E/PQTP bảng dữ liệu(HTML) 11 Page - Microchip Technology |
|
11 / 402 page ![]() © 2006 Microchip Technology Inc. DS41159E-page 9 PIC18FXX8 FIGURE 1-2: PIC18F448/458 BLOCK DIAGRAM Power-up Timer Oscillator Start-up Timer Power-on Reset Watchdog Timer Instruction Decode & Control OSC1/CLKI OSC2/CLKO/RA6 MCLR VDD, VSS PORTA PORTB PORTC RA4/T0CKI RA5/AN4/SS/LVDIN RB0/INT0 RB4 RC0/T1OSO/T1CKI RC1/T1OSI RC2/CCP1 RC3/SCK/SCL RC4/SDI/SDA RC5/SDO RC6/TX/CK RC7/RX/DT Brown-out Reset Comparators RA3/AN3/VREF+ RA2/AN2/VREF- RA1/AN1 RA0/AN0/CVREF Timing Generation RB1/INT1 Data Latch Data RAM up to 1536 Kbytes Address Latch Address<12> 12 Bank0, F BSR FSR0 FSR1 FSR2 inc/dec logic Decode 4 12 4 PCH PCL PCLATH 8 31 Level Stack Program Counter PRODL PRODH 8 x 8 Multiply W 8 BITOP 8 8 ALU<8> 8 Test Mode Select Address Latch Program Memory up to 32 Kbytes Data Latch 21 21 16 8 8 8 Table Pointer<21> inc/dec logic 21 8 Data Bus<8> Table Latch 8 IR 12 3 ROM Latch PORTD RD0/PSP0/C1IN+ Enhanced RB2/CANTX/INT2 RB3/CANRX T1OSI T1OSO PCLATU PCU Precision Reference Band Gap PORTE RE0/AN5/RD CCP RB7/PGD RB5/PGM RB6/PGC RD4/PSP4/ECCP1/P1A RD5/PSP5/P1B RD6/PSP6/P1C RD7/PSP7/P1D RE1/AN6/WR//C1OUT RE2/AN7/CS/C2OUT RD1/PSP1/C1IN- RD2/PSP2/C2IN+ RD3/PSP3/C2IN- 4X PLL Band Gap OSC2/CLKO/RA6 USART Synchronous Timer0 Timer1 Timer2 Serial Port CAN Module 10-bit ADC Timer3 PBOR PLVD CCP1 Data EEPROM USART Parallel Slave Port |