| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F010-E/SL bảng dữ liệu(PDF) 15 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F010-E/SL bảng dữ liệu(HTML) 15 Page - Microchip Technology |
|
15 / 116 page ![]() © 2007 Microchip Technology Inc. Preliminary DS41268C-page 13 PIC12F510/16F506 TABLE 3-3: PIN DESCRIPTIONS – PIC16F506 Name Function Input Type Output Type Description RB0/AN0/C1IN+/ICSPDAT RB0 TTL CMOS Bidirectional I/O port. Can be software pro- grammed for internal weak pull-up and wake-up from Sleep on pin change. AN0 AN — ADC channel input. C1IN+ AN — Comparator 1 input. ICSPDAT ST CMOS In-Circuit Serial Programming data pin. RB1/AN1/C1IN-/ICSPCLK RB1 TTL CMOS Bidirectional I/O port. Can be software pro- grammed for internal weak pull-up and wake-up from Sleep on pin change. AN1 AN — ADC channel input. C1IN- AN — Comparator 1 input. ICSPCLK ST — In-Circuit Serial Programming clock pin. RB2/AN2/C1OUT RB2 TTL CMOS Bidirectional I/O port. AN2 AN — ADC channel input. C1OUT — CMOS Comparator 1 output. RB3/MCLR/VPP RB3 TTL — Standard TTL input. Can be software programmed for internal weak pull-up and wake-up from Sleep on pin change. MCLR ST — MCLR input – weak pull-up always enabled in this mode. VPP HV — Programming voltage input. RB4/OSC2/CLKOUT RB4 TTL CMOS Bidirectional I/O port. Can be software pro- grammed for internal weak pull-up and wake-up from Sleep on pin change. OSC2 — XTAL XTAL oscillator output pin. CLKOUT — CMOS EXTRC/INTOSC CLKOUT pin (FOSC/4). RB5/OSC1/CLKIN RB5 TTL CMOS Bidirectional I/O port. OSC1 XTAL — XTAL oscillator input pin. CLKIN ST — EXTRC/EC Schmitt Trigger input. RC0/C2IN+ RC0 TTL CMOS Bidirectional I/O port. C2IN+ AN — Comparator 2 input. RC1/C2IN- RC1 TTL CMOS Bidirectional I/O port. C2IN- AN — Comparator 2 input. RC2/CVREF RC2 TTL CMOS Bidirectional I/O port. CVREF — AN Programmable Voltage Reference output. RC3 RC3 TTL CMOS Bidirectional I/O port. RC4/C2OUT RC4 TTL CMOS Bidirectional I/O port. C2OUT — CMOS Comparator 2 output. RC5/T0CKI RC5 TTL CMOS Bidirectional I/O port. T0CKI ST — Timer0 clock input. VDD VDD P — Positive supply for logic and I/O pins. VSS VSS P — Ground reference for logic and I/O pins. Legend: I = input, O = output, I/O = input/output, P = power, — = Not Used, TTL = TTL input, ST = Schmitt Trigger input, AN = Analog Voltage, HV = High Voltage |