công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL431ACLP bảng dữ liệu(PDF) 15 Page - NXP Semiconductors

tên linh kiện TL431ACLP
Giải thích chi tiết về linh kiện  Adjustable precision shunt regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TL431ACLP bảng dữ liệu(HTML) 15 Page - NXP Semiconductors

Back Button TL431ACLP Datasheet HTML 8Page - NXP Semiconductors TL431ACLP Datasheet HTML 9Page - NXP Semiconductors TL431ACLP Datasheet HTML 10Page - NXP Semiconductors TL431ACLP Datasheet HTML 11Page - NXP Semiconductors TL431ACLP Datasheet HTML 12Page - NXP Semiconductors TL431ACLP Datasheet HTML 13Page - NXP Semiconductors TL431ACLP Datasheet HTML 14Page - NXP Semiconductors TL431ACLP Datasheet HTML 15Page - NXP Semiconductors TL431ACLP Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Philips Semiconductors
Product specification
TL431C, TL431AC, TL431I,
TL431AI, LM431AC
Adjustable precision shunt regulators
1997 Feb 25
15
Tape splicing
Splice the carrier tape on the back and/or front so that the feed hole
pitch (P0) is maintained.
Bulk packing
In addition to TO-92 on tape, TO-92 can also be delivered in bulk.
Products are packed in boxes in foil and plastic bags with 1,000
pieces to a bag and 5 bags to a box.
SPC F (Note 1)
SPC T (Note 1)
CARRIER STRIP
ADHESIVE TAPE
ROUNDED
SIDE
FEED
ROUNDED SIDE OF TRANSISTOR AND ADHESIVE TAPE VISIBLE
ADHESIVE TAPE
FLAT SIDE
FEED
FLAT SIDE OF TRANSISTOR AND ADHESIVE TAPE VISIBLE
VREF
PIN
CATHODE
PIN
LABEL
CARRIER STRIP
LABEL
SL01193
Figure 24.
TO-92 Reel Styles
SPC A (Note 1)
CARRIER STRIP
ADHESIVE TAPE ON TOP SIDE
LABEL
FLAT SIDE
FLAT SIDE OF TRANSISTOR
AND ADHESIVE TAPE VISIBLE
In Ammo Pack, the parts are put on the tape
the same as in SPC T. However, depending
on which end of the Ammo Pack is opened,
the VREF OR Cathode pin may come first. If
opened from the end marked with a “+”, the
Cathode comes first.
SL01194
Figure 25.
TO-92 Ammo Pack Styles
NOTE:
1. Order SPC F, T or A depending on what is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16