| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F23K20-E/ML bảng dữ liệu(PDF) 419 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F23K20-E/ML bảng dữ liệu(HTML) 419 Page - Microchip Technology |
|
419 / 420 page ![]() © 2007 Microchip Technology Inc. Advance Information DS41303B-page 417 PIC18F2XK20/4XK20 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . PART NO. X /XX XXX Pattern Package Temperature Range Device Device: PIC18F23K20(1), PIC18F24K20(1), PIC18F25K20(1), PIC18F26K20(1), PIC18F43K20(1), PIC18F44K20(1), PIC18F45K20(1), PIC18F46K20(1) Temperature Range: E= -40 °C to +125°C (Extended) Package: ML = QFN P= PDIP PT = TQFP (Thin Quad Flatpack) SO = SOIC SP = Skinny Plastic DIP SS = SSOP Pattern: QTP, SQTP, Code or Special Requirements (blank otherwise) Examples: a) PIC18F45K20-E/P 301 = Extended temp., PDIP package, Extended VDD limits, QTP pat- tern #301. b) PIC18F23K20-E/SO = Extended temp., SOIC package. c) PIC18F44K20-E/P = Extended temp., PDIP package. Note 1: T = in tape and reel PLCC, and TQFP packages only. |