| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F23K20-E/ML bảng dữ liệu(PDF) 23 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F23K20-E/ML bảng dữ liệu(HTML) 23 Page - Microchip Technology |
|
23 / 420 page ![]() © 2007 Microchip Technology Inc. Advance Information DS41303B-page 21 PIC18F2XK20/4XK20 PORTC is a bidirectional I/O port. RC0/T1OSO/T13CKI RC0 T1OSO T13CKI 15 34 32 I/O O I ST — ST Digital I/O Timer1 oscillator output Timer1/Timer3 external clock input RC1/T1OSI/CCP2 RC1 T1OSI CCP2(1) 16 35 35 I/O I I/O ST CMOS ST Digital I/O Timer1 oscillator input Capture 2 input/Compare 2 output/PWM 2 output RC2/CCP1/P1A RC2 CCP1 P1A 17 36 36 I/O I/O O ST ST — Digital I/O Capture 1 input/Compare 1 output/PWM 1 output Enhanced CCP1 output RC3/SCK/SCL RC3 SCK SCL 18 37 37 I/O I/O I/O ST ST ST Digital I/O Synchronous serial clock input/output for SPI mode Synchronous serial clock input/output for I2C™ mode RC4/SDI/SDA RC4 SDI SDA 23 42 42 I/O I I/O ST ST ST Digital I/O SPI data in I2C™ data I/O RC5/SDO RC5 SDO 24 43 43 I/O O ST — Digital I/O SPI data out RC6/TX/CK RC6 TX CK 25 44 44 I/O O I/O ST — ST Digital I/O EUSART asynchronous transmit EUSART synchronous clock (see related RX/DT) RC7/RX/DT RC7 RX DT 26 1 1 I/O I I/O ST ST ST Digital I/O EUSART asynchronous receive EUSART synchronous data (see related TX/CK) TABLE 1-3: PIC18F4XK20 PINOUT I/O DESCRIPTIONS (CONTINUED) Pin Name Pin Number Pin Type Buffer Type Description PDIP QFN TQFP Legend: TTL = TTL compatible input CMOS = CMOS compatible input or output ST = Schmitt Trigger input with CMOS levels I = Input O = Output P = Power Note 1: Default assignment for CCP2 when Configuration bit CCP2MX is set. 2: Alternate assignment for CCP2 when Configuration bit CCP2MX is cleared. |