| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F010-I/P bảng dữ liệu(PDF) 32 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F010-I/P bảng dữ liệu(HTML) 32 Page - Microchip Technology |
|
32 / 116 page ![]() PIC12F510/16F506 DS41268C-page 30 Preliminary © 2007 Microchip Technology Inc. FIGURE 5-6: BLOCK DIAGRAM OF RB4 FIGURE 5-7: BLOCK DIAGRAM OF GP4 Data Bus Q D Q CK Q D Q CK WR Port TRIS ‘f’ Data TRIS RD Port W Reg Latch Latch Reset Note 1: I/O pins have protection diodes to VDD and VSS. 2: Input mode is disabled when pin is used for oscillator. 1 0 INTOSC/RC/EC CLKOUT Enable FOSC/4 Oscillator Circuit OSC1 RBPU I/O pin(1) (Note 2) Data Bus Q D Q CK Q D Q CK WR Port TRIS ‘f’ Data TRIS RD Port I/O pin(1) W Reg Latch Latch Reset Note 1: I/O pins have protection diodes to VDD and VSS. INTOSC/RC Oscillator Circuit OSC1 |