| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC24HJ12GP201E/ML bảng dữ liệu(PDF) 10 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24HJ12GP201E/ML bảng dữ liệu(HTML) 10 Page - Microchip Technology |
|
10 / 234 page ![]() PIC24HJ12GP201/202 DS70282B-page 8 Preliminary © 2007 Microchip Technology Inc. FIGURE 1-1: PIC24HJ12GP201/202 BLOCK DIAGRAM 16 OSC1/CLKI OSC2/CLKO VDD, VSS Timing Generation MCLR Power-up Timer Oscillator Start-up Timer Power-on Reset Watchdog Timer Brown-out Reset Precision Reference Band Gap FRC/LPRC Oscillators Regulator Voltage VDDCORE/VCAP UART1 IC1,2,7,8 OC/ SPI1 I2C1 PORTA Note: Not all pins or features are implemented on all device pinout configurations. See pinout diagrams for the specific pins and features present on each device. PWM1,2 CNx Instruction Decode & Control PCH PCL 16 Program Counter 16-bit ALU 23 23 24 23 Instruction Reg PCU 16 x 16 W Register Array ROM Latch 16 EA MUX 16 8 Interrupt Controller PSV & Table Data Access Control Block Stack Control Logic Loop Control Logic Address Latch Program Memory Data Latch Address Bus 16 16 16 16 Data Latch Address Latch 16 X RAM Data Bus 17 x 17 Multiplier Divide Support 16 Control Signals to Various Blocks ADC1 Timers PORTB Remappable Address Generator Units 1-3 Pins |