công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC24HJ12GP201I/ML bảng dữ liệu(PDF) 149 Page - Microchip Technology

tên linh kiện PIC24HJ12GP201I/ML
Giải thích chi tiết về linh kiện  High-Performance, 16-Bit Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ12GP201I/ML bảng dữ liệu(HTML) 149 Page - Microchip Technology

Back Button PIC24HJ12GP201I/ML Datasheet HTML 145Page - Microchip Technology PIC24HJ12GP201I/ML Datasheet HTML 146Page - Microchip Technology PIC24HJ12GP201I/ML Datasheet HTML 147Page - Microchip Technology PIC24HJ12GP201I/ML Datasheet HTML 148Page - Microchip Technology PIC24HJ12GP201I/ML Datasheet HTML 149Page - Microchip Technology PIC24HJ12GP201I/ML Datasheet HTML 150Page - Microchip Technology PIC24HJ12GP201I/ML Datasheet HTML 151Page - Microchip Technology PIC24HJ12GP201I/ML Datasheet HTML 152Page - Microchip Technology PIC24HJ12GP201I/ML Datasheet HTML 153Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 234 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70282B-page 147
PIC24HJ12GP201/202
bit 3
BRGH: High Baud Rate Enable bit
1 = BRG generates 4 clocks per bit period (4x baud clock, High-Speed mode)
0 = BRG generates 16 clocks per bit period (16x baud clock, Standard mode)
bit 2-1
PDSEL<1:0>: Parity and Data Selection bits
11 = 9-bit data, no parity
10 = 8-bit data, odd parity
01 = 8-bit data, even parity
00 = 8-bit data, no parity
bit 0
STSEL: Stop Bit Selection bit
1 = Two Stop bits
0 = One Stop bit
REGISTER 16-1:
UxMODE: UARTx MODE REGISTER (CONTINUED)
Note 1:
This feature is only available for the 16x BRG mode (BRGH = 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More