| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC24HJ12GP201I/ML bảng dữ liệu(PDF) 32 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24HJ12GP201I/ML bảng dữ liệu(HTML) 32 Page - Microchip Technology |
|
32 / 234 page ![]() TABLE 3-20: NVM REGISTER MAP File Name Addr Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 All Resets NVMCON 0760 WR WREN WRERR — — — — — — ERASE — —NVMOP<3:0> 0000(1) NVMKEY 0766 — — — — — — — — NVMKEY<7:0> 0000 Legend: x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal. Note 1: Reset value shown is for POR only. Value on other Reset states is dependent on the state of memory write or erase operations at the time of Reset. TABLE 3-21: PMD REGISTER MAP File Name Addr Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 All Resets PMD1 0770 — — T3MD T2MD T1MD — — — I2C1MD — U1MD — SPI1MD — — AD1MD 0000 PMD2 0772 IC8MD IC7MD — — — —IC2MD IC1MD — — — — — —OC2MD OC1MD 0000 Legend: x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal. |