| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC24HJ12GP201I/ML bảng dữ liệu(PDF) 114 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24HJ12GP201I/ML bảng dữ liệu(HTML) 114 Page - Microchip Technology |
|
114 / 234 page ![]() PIC24HJ12GP201/202 DS70282B-page 112 Preliminary © 2007 Microchip Technology Inc. FIGURE 11-1: TIMER2/3 (32-BIT) BLOCK DIAGRAM(1) Set T3IF Equal Comparator PR3 PR2 Reset LSb MSb Note 1: The 32-bit timer control bit, T32, must be set for 32-bit timer/counter operation. All control bits are respective to the T2CON register. 2: The ADC event trigger is available only on Timer2/3. Data Bus<15:0> TMR3HLD Read TMR2 Write TMR2 16 16 16 Q QD CK TGATE 0 1 TON TCKPS<1:0> 2 TCY TCS 1x 01 TGATE 00 T2CK ADC Event Trigger(2) Gate Sync Prescaler 1, 8, 64, 256 Sync TMR3 TMR2 16 |