công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSPIC33FJ32GP202-E/SP bảng dữ liệu(PDF) 15 Page - Microchip Technology

tên linh kiện DSPIC33FJ32GP202-E/SP
Giải thích chi tiết về linh kiện  High-Performance, 16-Bit Microcontrollers
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP202-E/SP bảng dữ liệu(HTML) 15 Page - Microchip Technology

Back Button DSPIC33FJ32GP202-E/SP Datasheet HTML 11Page - Microchip Technology DSPIC33FJ32GP202-E/SP Datasheet HTML 12Page - Microchip Technology DSPIC33FJ32GP202-E/SP Datasheet HTML 13Page - Microchip Technology DSPIC33FJ32GP202-E/SP Datasheet HTML 14Page - Microchip Technology DSPIC33FJ32GP202-E/SP Datasheet HTML 15Page - Microchip Technology DSPIC33FJ32GP202-E/SP Datasheet HTML 16Page - Microchip Technology DSPIC33FJ32GP202-E/SP Datasheet HTML 17Page - Microchip Technology DSPIC33FJ32GP202-E/SP Datasheet HTML 18Page - Microchip Technology DSPIC33FJ32GP202-E/SP Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 252 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70290A-page 13
dsPIC33FJ32GP202/204 and dsPIC33FJ16GP304
2.0
CPU
The dsPIC33FJ32GP202/204 and dsPIC33FJ16GP304
CPU module has a 16-bit (data) modified Harvard archi-
tecture with an enhanced instruction set, including signifi-
cant support for DSP. The CPU has a 24-bit instruction
word with a variable length opcode field. The Program
Counter (PC) is 23 bits wide and addresses up to 4M x 24
bits of user program memory space. The actual amount of
program memory implemented varies by device. A sin-
gle-cycle instruction prefetch mechanism is used to help
maintain throughput and provides predictable execution.
All instructions execute in a single cycle, with the excep-
tion of instructions that change the program flow, the dou-
ble word move (MOV.D) instruction and the table
instructions. Overhead-free program loop constructs are
supported using the DO and REPEAT instructions, both of
which are interruptible at any point.
The dsPIC33FJ32GP202/204 and dsPIC33FJ16GP304
devices have sixteen, 16-bit working registers in the pro-
grammer’s model. Each of the working registers can serve
as a data, address or address offset register. The 16th
working register (W15) operates as a software Stack
Pointer (SP) for interrupts and calls.
The dsPIC33FJ32GP202/204 and dsPIC33FJ16GP304
instruction set has two classes of instructions: MCU and
DSP. These two instruction classes are seamlessly inte-
grated into a single CPU. The instruction set includes
many addressing modes and is designed for optimum C
compiler
efficiency.
For
most
instructions,
the
dsPIC33FJ32GP202/204 and dsPIC33FJ16GP304 is
capable of executing a data (or program data) memory
read, a working register (data) read, a data memory write
and a program (instruction) memory read per instruction
cycle. As a result, three parameter instructions can be
supported, allowing A + B = C operations to be executed
in a single cycle.
A block diagram of the CPU is shown in Figure 2-1. The
programmer’s model for the dsPIC33FJ32GP202/204 and
dsPIC33FJ16GP304 is shown in Figure 2-2.
2.1
Data Addressing Overview
The data space can be addressed as 32K words or
64 Kbytes and is split into two blocks, referred to as X and
Y data memory. Each memory block has its own
independent Address Generation Unit (AGU). The MCU
class of instructions operates solely through the X mem-
ory AGU, which accesses the entire memory map as one
linear data space. Certain DSP instructions operate
through the X and Y AGUs to support dual operand reads,
which splits the data address space into two parts. The X
and Y data space boundary is device-specific.
Overhead-free circular buffers (Modulo Addressing mode)
are supported in both X and Y address spaces. The
Modulo Addressing removes the software boundary
checking overhead for DSP algorithms. Furthermore, the
X AGU circular addressing can be used with any of the
MCU class of instructions. The X AGU also supports
Bit-Reversed Addressing to greatly simplify input or output
data reordering for radix-2 FFT algorithms.
The upper 32 Kbytes of the data space memory map can
optionally be mapped into program space at any 16K
program word boundary defined by the 8-bit Program
Space Visibility Page (PSVPAG) register. The program to
data space mapping feature lets any instruction access
program space as if it were data space.
2.2
DSP Engine Overview
The DSP engine features a high-speed 17-bit by 17-bit
multiplier,
a
40-bit
ALU,
two
40-bit
saturating
accumulators and a 40-bit bidirectional barrel shifter. The
barrel shifter is capable of shifting a 40-bit value up to 16
bits right or left, in a single cycle. The DSP instructions
operate seamlessly with all other instructions and have
been designed for optimal real-time performance. The
MAC instruction and other associated instructions can
concurrently fetch two data operands from memory while
multiplying two W registers and accumulating and
optionally saturating the result in the same cycle. This
instruction functionality requires that the RAM data space
be split for these instructions and linear for all others. Data
space partitioning is achieved in a transparent and flexible
manner through dedicating certain working registers to
each address space.
2.3
Special MCU Features
The dsPIC33FJ32GP202/204 and dsPIC33FJ16GP304
features a 17-bit by 17-bit single-cycle multiplier that is
shared by both the MCU ALU and DSP engine. The mul-
tiplier can perform signed, unsigned and mixed-sign mul-
tiplication. Using a 17-bit by 17-bit multiplier for 16-bit by
16-bit multiplication not only allows you to perform
mixed-sign multiplication, it also achieves accurate results
for special operations, such as (-1.0) x (-1.0).
The dsPIC33FJ32GP202/204 and dsPIC33FJ16GP304
supports 16/16 and 32/16 divide operations, both frac-
tional and integer. All divide instructions are iterative oper-
ations. They must be executed within a REPEAT loop,
resulting in a total execution time of 19 instruction cycles.
The divide operation can be interrupted during any of
those 19 cycles without loss of data.
A 40-bit barrel shifter is used to perform up to a 16-bit left
or right shift in a single cycle. The barrel shifter can be
used by both MCU and DSP instructions.
Note:
This data sheet summarizes the features
of
the
dsPIC33FJ32GP202/204
and
dsPIC33FJ16GP304 devices. It is not
intended to be a comprehensive reference
source. To complement the information in
this data sheet, refer to the “dsPIC33F
Family Reference Manual”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More