công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F010-I/MS bảng dữ liệu(PDF) 68 Page - Microchip Technology

tên linh kiện PIC16F010-I/MS
Giải thích chi tiết về linh kiện  8/14-Pin, 8-Bit Flash Microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F010-I/MS bảng dữ liệu(HTML) 68 Page - Microchip Technology

Back Button PIC16F010-I/MS Datasheet HTML 64Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 65Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 66Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 67Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 68Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 69Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 70Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 71Page - Microchip Technology PIC16F010-I/MS Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 116 page
background image
PIC12F510/16F506
DS41268C-page 66
Preliminary
© 2007 Microchip Technology Inc.
10.5
Device Reset Timer (DRT)
On the PIC12F510/16F506 devices, the DRT runs any
time the device is powered up. DRT runs from Reset
and varies based on oscillator selection and Reset type
(see Table 10-6).
The DRT operates from a free running on-chip oscilla-
tor that is separate from INTOSC. The processor is
kept in Reset as long as the DRT is active. The DRT
delay allows VDD to rise above VDD minimum and for
the oscillator to stabilize.
Oscillator circuits, based on crystals or ceramic resona-
tors, require a certain time after power-up to establish
a stable oscillation. The on-chip DRT keeps the devices
in a Reset for a set period, as stated in Table 10-6, after
MCLR has reached a logic high (VIH MCLR) level.
Programming (GP3/RB3)/MCLR/VPP as MCLR and
using an external RC network connected to the MCLR
input is not required in most cases. This allows savings
in cost-sensitive and/or space restricted applications,
as well as allowing the use of the (GP3/RB3)/MCLR/
VPP pin as a general purpose input.
The DRT delays will vary from chip-to-chip due to VDD,
temperature
and
process
variation.
See
AC
parameters for details.
The DRT will also be triggered upon a Watchdog Timer
time-out from Sleep. This is particularly important for
applications using the WDT to wake from Sleep mode
automatically.
Reset sources are POR, MCLR, WDT time-out, Wake-
up on Pin Change and Wake-up on Comparator
Change. See Section 10.9.2 “Wake-up from Sleep
Reset”, Notes 1, 2 and 3.
10.6
Watchdog Timer (WDT)
The Watchdog Timer (WDT) is a free running on-chip
RC oscillator that does not require any external
components. This RC oscillator is separate from the
external RC oscillator of the (GP5/RB5)/OSC1/CLKIN
pin and the internal 4/8 MHz oscillator. This means that
the WDT will run even if the main processor clock has
been stopped, for example, by execution of a SLEEP
instruction. During normal operation or Sleep, a WDT
Reset or wake-up Reset generates a device Reset.
The TO bit (STATUS<4>) will be cleared upon a
Watchdog Timer Reset.
The WDT can be permanently disabled by program-
ming
the
configuration
WDTE
as
a
‘0’
(see
Section 10.1 “Configuration Bits”). Refer to the
PIC12F510/16F506 Programming Specifications to
determine how to access the Configuration Word.
TABLE 10-6:
TYPICAL DRT PERIODS
10.6.1
WDT PERIOD
The WDT has a nominal time-out period of 18 ms (with
no prescaler). If a longer time-out period is desired, a
prescaler with a divisor ratio of up to 1:128 can be
assigned to the WDT (under software control) by
writing to the OPTION register. Thus, a time-out period
of a nominal 2.3 seconds can be realized. These
periods vary with temperature, VDD and part-to-part
process variations (see DC specs).
Under worst case conditions (VDD = Min., Temperature
= Max., max. WDT prescaler), it may take several
seconds before a WDT time-out occurs.
10.6.2
WDT PROGRAMMING
CONSIDERATIONS
The CLRWDT instruction clears the WDT and the
postscaler, if assigned to the WDT, and prevents it from
timing out and generating a device Reset.
The SLEEP instruction resets the WDT and the
postscaler, if assigned to the WDT. This gives the
maximum Sleep time before a WDT wake-up Reset.
Oscillator
Configuration
POR Reset
Subsequent
Resets
LP
18 ms
18 ms
XT
18 ms
18 ms
HS(1)
18 ms
18 ms
EC(1)
1.125 ms
10
μs
INTOSC
1.125 ms
10
μs
EXTRC
1.125 ms
10
μs
Note 1:
PIC16F506 only
Note:
It is the responsibility of the application
designer to ensure the use of the
1.125 ms nominal DRT will result in
acceptable operation. Refer to Electrical
Specifications for VDD rise time and
stability requirements for this mode of
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com