công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC24HJ12GP201I/SP bảng dữ liệu(PDF) 94 Page - Microchip Technology

tên linh kiện PIC24HJ12GP201I/SP
Giải thích chi tiết về linh kiện  High-Performance, 16-Bit Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ12GP201I/SP bảng dữ liệu(HTML) 94 Page - Microchip Technology

Back Button PIC24HJ12GP201I/SP Datasheet HTML 90Page - Microchip Technology PIC24HJ12GP201I/SP Datasheet HTML 91Page - Microchip Technology PIC24HJ12GP201I/SP Datasheet HTML 92Page - Microchip Technology PIC24HJ12GP201I/SP Datasheet HTML 93Page - Microchip Technology PIC24HJ12GP201I/SP Datasheet HTML 94Page - Microchip Technology PIC24HJ12GP201I/SP Datasheet HTML 95Page - Microchip Technology PIC24HJ12GP201I/SP Datasheet HTML 96Page - Microchip Technology PIC24HJ12GP201I/SP Datasheet HTML 97Page - Microchip Technology PIC24HJ12GP201I/SP Datasheet HTML 98Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 234 page
background image
PIC24HJ12GP201/202
DS70282B-page 92
Preliminary
© 2007 Microchip Technology Inc.
FIGURE 9-2:
REMAPPABLE MUX INPUT FOR U1RX
TABLE 9-1:
SELECTABLE INPUT SOURCES (MAPS INPUT TO FUNCTION)(1)
RP0
RP1
RP2
RP15
0
15
1
2
U1RX input
U1RXR<4:0>
to peripheral
Input Name
Function Name
Register
Configuration
Bits
External Interrupt 1
INT1
RPINR0
INT1R<4:0>
External Interrupt 2
INT2
RPINR1
INT2R<4:0>
Timer 2 External Clock
T2CK
RPINR3
T2CKR<4:0>
Timer 3 External Clock
T3CK
RPINR3
T3CKR<4:0>
Input Capture 1
IC1
RPINR7
IC1R<4:0>
Input Capture 2
IC2
RPINR7
IC2R<4:0>
Input Capture 7
IC7
RPINR10
IC7R<4:0>
Input Capture 8
IC8
RPINR10
IC8R<4:0>
Output Compare Fault A
OCFA
RPINR11
OCFAR<4:0>
UART 1 Receive
U1RX
RPINR18
U1RXR<4:0>
UART 1 Clear To Send
U1CTS
RPINR18
U1CTSR<4:0>
SPI 1 Data Input
SDI1
RPINR20
SDI1R<4:0>
SPI 1 Clock Input
SCK1IN
RPINR20
SCK1R<4:0>
SPI 1 Slave Select Input
SS1IN
RPINR21
SS1R<4:0>
Note 1:
Unless otherwise noted, all inputs use the Schmitt input buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More