| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F23K20-E/SPSQTP bảng dữ liệu(PDF) 36 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F23K20-E/SPSQTP bảng dữ liệu(HTML) 36 Page - Microchip Technology |
|
36 / 420 page ![]() PIC18F2XK20/4XK20 DS41303B-page 34 Advance Information © 2007 Microchip Technology Inc. 2.7 Effects of Power-Managed Modes on the Various Clock Sources For more information about the modes discussed in this section see Section 3.0 “Power-Managed Modes”. A quick reference list is also available in Table 3-1. When PRI_IDLE mode is selected, the designated pri- mary oscillator continues to run without interruption. For all other power-managed modes, the oscillator using the OSC1 pin is disabled. The OSC1 pin (and OSC2 pin, if used by the oscillator) will stop oscillating. In secondary clock modes (SEC_RUN and SEC_IDLE), the Timer1 oscillator is operating and providing the device clock. The Timer1 oscillator may also run in all power-managed modes if required to clock Timer1 or Timer3. In internal oscillator modes (INTOSC_RUN and INTOSC_IDLE), the internal oscillator block provides the device clock source. The 31 kHz LFINTOSC output can be used directly to provide the clock and may be enabled to support various special features, regardless of the power-managed mode (see Section 23.2 “Watchdog Timer (WDT)”, Section 2.10 “Two- Speed Clock Start-up Mode” and Section 2.11 “Fail- Safe Clock Monitor” for more information on WDT, Fail-Safe Clock Monitor and Two-Speed Start-up). The HFINTOSC output at 16 MHz may be used directly to clock the device or may be divided down by the postscaler. The HFINTOSC output is disabled if the clock is provided directly from the LFINTOSC output. If the Sleep mode is selected, all clock sources are stopped. Since all the transistor switching currents have been stopped, Sleep mode achieves the lowest current consumption of the device (only leakage currents). Enabling any on-chip feature that will operate during Sleep will increase the current consumed during Sleep. The LFINTOSC is required to support WDT operation. The Timer1 oscillator may be operating to support a real-time clock. Other features may be operating that do not require a device clock source (i.e., SSP slave, PSP, INTn pins and others). Peripherals that may add significant current consumption are listed in Section 26.8 “DC Characteristics”. 2.8 Power-up Delays Power-up delays are controlled by two timers, so that no external Reset circuitry is required for most applica- tions. The delays ensure that the device is kept in Reset until the device power supply is stable under nor- mal circumstances and the primary clock is operating and stable. For additional information on power-up delays, see Section 4.5 “Device Reset Timers”. The first timer is the Power-up Timer (PWRT), which provides a fixed delay on power-up (parameter 33, Table 26-9). It is enabled by clearing (= 0) the PWRTEN Configuration bit. The second timer is the Oscillator Start-up Timer (OST), intended to keep the chip in Reset until the crystal oscillator is stable (LP, XT and HS modes). The OST does this by counting 1024 oscillator cycles before allowing the oscillator to clock the device. When the HSPLL Oscillator mode is selected, the device is kept in Reset for an additional 2 ms, following the HS mode OST delay, so the PLL can lock to the incoming clock frequency. There is a delay of interval TCSD (parameter 38, Table 26-9), following POR, while the controller becomes ready to execute instructions. This delay runs concurrently with any other delays. This may be the only delay that occurs when any of the EC, RC or INTIO modes are used as the primary clock source. When the HFINTOSC is selected as the primary clock, the main system clock can be delayed until the HFINTOSC is stable. This is user selectable by the HFOFST bit of the CONFIG3H Configuration register. When the HFOFST bit is cleared the main system clock is delayed until the HFINTOSC is stable. When the HFOFST bit is set the main system clock starts imme- diately. In either case the IOFS bit of the OSCCON reg- ister can be read to determine whether the HFINTOSC is operating and stable. TABLE 2-2: OSC1 AND OSC2 PIN STATES IN SLEEP MODE OSC Mode OSC1 Pin OSC2 Pin RC, INTOSC Floating, external resistor should pull high At logic low (clock/4 output) RCIO Floating, external resistor should pull high Configured as PORTA, bit 6 INTOSCIO Configured as PORTA, bit 7 Configured as PORTA, bit 6 ECIO Floating, pulled by external clock Configured as PORTA, bit 6 EC Floating, pulled by external clock At logic low (clock/4 output) LP, XT, HS and HSPLL Feedback inverter disabled at quiescent voltage level Feedback inverter disabled at quiescent voltage level Note: See Table 4-2 in Section 4.0 “Reset” for time-outs due to Sleep and MCLR Reset. |