công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F616-E/MLSQTP bảng dữ liệu(PDF) 66 Page - Microchip Technology

tên linh kiện PIC16F616-E/MLSQTP
Giải thích chi tiết về linh kiện  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F616-E/MLSQTP bảng dữ liệu(HTML) 66 Page - Microchip Technology

Back Button PIC16F616-E/MLSQTP Datasheet HTML 62Page - Microchip Technology PIC16F616-E/MLSQTP Datasheet HTML 63Page - Microchip Technology PIC16F616-E/MLSQTP Datasheet HTML 64Page - Microchip Technology PIC16F616-E/MLSQTP Datasheet HTML 65Page - Microchip Technology PIC16F616-E/MLSQTP Datasheet HTML 66Page - Microchip Technology PIC16F616-E/MLSQTP Datasheet HTML 67Page - Microchip Technology PIC16F616-E/MLSQTP Datasheet HTML 68Page - Microchip Technology PIC16F616-E/MLSQTP Datasheet HTML 69Page - Microchip Technology PIC16F616-E/MLSQTP Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 180 page
background image
PIC16F610/616/16HV610/616
DS41288C-page 64
Preliminary
© 2007 Microchip Technology Inc.
8.9
Comparator Hysteresis
Each comparator has built-in hysteresis that is user
enabled by setting the C1HYS or C2HYS bits of the
CM2CON1 register. The hysteresis feature can help
filter noise and reduce multiple comparator output
transitions when the output is changing state.
Figure 8-9 shows the relationship between the analog
input levels and digital output of a comparator with and
without hysteresis. The output of the comparator
changes from a low state to a high state only when the
analog voltage at VIN+ rises above the upper hysteresis
threshold (VH+). The output of the comparator changes
from a high state to a low state only when the analog
voltage at VIN+ falls below the lower hysteresis
threshold (VH-).
FIGURE 8-7:
COMPARATOR HYSTERESIS
–
+
VIN+
VIN-
Output
Note:
The black areas of the comparator output represents the uncertainty due to input offsets and response time.
VH-
VH+
VIN-
V+
VIN+
Output
(Without Hysteresis)
Output
(With Hysteresis)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com