| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DDA-CRS-R2 bảng dữ liệu(PDF) 4 Page - DOMINANT Semiconductors |
|
|
|||||||||||||||||||||||||||||
DDA-CRS-R2 bảng dữ liệu(HTML) 4 Page - DOMINANT Semiconductors |
|
4 / 11 page ![]() DOMINANT Semiconductors 18/08/05 DomiLED AlInGaP DDx-xRS - Catalogue-v4 Page 4 of 11 Part Ordering Number Chip Technology / Color Viewing Angle Luminous Intensity @ IF=20mA Iv (mcd) DDY-TRS-TU2-1 Ts AlInGaP 120 285.0 – 715.0 • DDY-TRS-T1 Yellow, 590nm 285.0 – 355.0 • DDY-TRS-T2 355.0 – 450.0 • DDY-TRS-U1 450.0 – 560.0 • DDY-TRS-U2 560.0 – 715.0 DDG-CRS-PQ2-1 As AlInGaP 120 45.0 – 112.5 • DDG-CRS-P1 Green, 572nm 45.0 – 56.0 • DDG-CRS-P2 56.0 – 71.5 • DDG-CRS-Q1 71.5 – 90.0 • DDG-CRS-Q2 90.0 – 112.5 DDG-SRS-QR2-1 71.5 – 180.0 • DDG-SRS-Q1 71.5 – 90.0 • DDG-SRS-Q2 90.0 – 112.5 • DDG-SRS-R1 112.5 – 140.0 • DDG-SRS-R2 140.0 – 180.0 NOTE: 1. All part number above comes in a quantity of 2000 units per reel. 2. Other luminous intensity groups are also available upon request. 3. Luminous intensity is measured with an accuracy of ±11%. 4. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel. 5. An optional Vf binning is also available upon request. Binning scheme is as per following table. |