công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC12F615-E/STQTP bảng dữ liệu(PDF) 153 Page - Microchip Technology

tên linh kiện PIC12F615-E/STQTP
Giải thích chi tiết về linh kiện  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F615-E/STQTP bảng dữ liệu(HTML) 153 Page - Microchip Technology

Back Button PIC12F615-E/STQTP Datasheet HTML 149Page - Microchip Technology PIC12F615-E/STQTP Datasheet HTML 150Page - Microchip Technology PIC12F615-E/STQTP Datasheet HTML 151Page - Microchip Technology PIC12F615-E/STQTP Datasheet HTML 152Page - Microchip Technology PIC12F615-E/STQTP Datasheet HTML 153Page - Microchip Technology PIC12F615-E/STQTP Datasheet HTML 154Page - Microchip Technology PIC12F615-E/STQTP Datasheet HTML 155Page - Microchip Technology PIC12F615-E/STQTP Datasheet HTML 156Page - Microchip Technology PIC12F615-E/STQTP Datasheet HTML 157Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 168 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41302A-page 151
PIC12F609/615/12HV609/615
17.0
PACKAGING INFORMATION
17.1
Package Marking Information
*
Standard PIC device marking consists of Microchip part number, year code, week code, and traceability
code. For PIC device marking beyond this, certain price adders apply. Please check with your Microchip
Sales Office. For QTP devices, any special marking adders are included in QTP price.
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
8-Lead TSSOP
XXXX
YYWW
NNN
Example
/ST
0610
017
XXXXXNNN
8-Lead PDIP
XXXXXXXX
YYWW
017
Example
XXFXXX/P
0610
8-Lead SOIC (.150”)
XXXXXXXX
XXXXYYWW
NNN
Example
PICXXCXX
/SN0610
017
XXXXXX
8-Lead DFN (4x4 mm)
YYWW
NNN
Example
XXXXXX
XXXXXX
0610
017
XXXX 3
e
3
e
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More