| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC12F615-E/STQTP bảng dữ liệu(PDF) 82 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F615-E/STQTP bảng dữ liệu(HTML) 82 Page - Microchip Technology |
|
82 / 168 page ![]() PIC12F609/615/12HV609/615 DS41302A-page 80 Preliminary © 2006 Microchip Technology Inc. 10.3 PWM Mode The PWM mode generates a Pulse-Width Modulated signal on the CCP1 pin. The duty cycle, period and resolution are determined by the following registers: •PR2 •T2CON • CCPR1L • CCP1CON In Pulse-Width Modulation (PWM) mode, the CCP module produces up to a 10-bit resolution PWM output on the CCP1 pin. Since the CCP1 pin is multiplexed with the PORT data latch, the TRIS for that pin must be cleared to enable the CCP1 pin output driver. Figure 10-3 shows a simplified block diagram of PWM operation. Figure 10-4 shows a typical waveform of the PWM signal. For a step-by-step procedure on how to set up the CCP module for PWM operation, see Section 10.3.7 “Setup for PWM Operation”. FIGURE 10-3: SIMPLIFIED PWM BLOCK DIAGRAM The PWM output (Figure 10-4) has a time base (period) and a time that the output stays high (duty cycle). FIGURE 10-4: CCP PWM OUTPUT Note: Clearing the CCP1CON register will relinquish CCP1 control of the CCP1 pin. CCPR1L CCPR1H(2) (Slave) Comparator TMR2 PR2 (1) RQ S Duty Cycle Registers CCP1CON<5:4> Clear Timer2, toggle CCP1 pin and latch duty cycle Note 1: The 8-bit timer TMR2 register is concatenated with the 2-bit internal system clock (FOSC), or 2 bits of the prescaler, to create the 10-bit time base. 2: In PWM mode, CCPR1H is a read-only register. TRIS CCP1 Comparator Period Pulse Width TMR2 = 0 TMR2 = CCPRxL:CCPxCON<5:4> TMR2 = PR2 |