| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F23K20-E/PSQTP bảng dữ liệu(PDF) 405 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F23K20-E/PSQTP bảng dữ liệu(HTML) 405 Page - Microchip Technology |
|
405 / 420 page ![]() © 2007 Microchip Technology Inc. Advance Information DS41303B-page 403 PIC18F2XK20/4XK20 APPENDIX A: REVISION HISTORY Revision A (JULY 2006) Original data sheet for PIC18F2XK20/4XK20 devices. Revision B (03/2007) Added part numbers PIC18F26K20 and PIC18F46K20; Replaced Development Support Section; Replaced Package Drawings. APPENDIX B: DEVICE DIFFERENCES The differences between the devices listed in this data sheet are shown in Table B-1. TABLE B-1: DEVICE DIFFERENCES Features PIC18F23K20 PIC18F24K20 PIC18F25K20 PIC18F26K20 PIC18F43K20 PIC18F44K20 PIC18F45K20 PIC18F46K20 Program Memory (Bytes) 8192 16384 32768 65536 8192 16384 32768 65536 Program Memory (Instructions) 4096 8192 16384 32768 4096 8192 16384 32768 Interrupt Sources 1919191920202020 I/O Ports Ports A, B, C, (E) Ports A, B, C, (E) Ports A, B, C, (E) Ports A, B, C, (E) Ports A, B, C, D, E Ports A, B, C, D, E Ports A, B, C, D, E Ports A, B, C, D, E Capture/Compare/PWM Modules 11111111 Enhanced Capture/Compare/PWM Modules 11111111 Parallel Communications (PSP) No No No No Yes Yes Yes Yes 10-bit Analog-to-Digital Module 11 input channels 11 input channels 11 input channels 11 input channels 14 input channels 14 input channels 14 input channels 14 input channels Packages 28-pin PDIP 28-pin SOIC 28-pin SSOP 28-pin QFN 28-pin PDIP 28-pin SOIC 28-pin SSOP 28-pin QFN 28-pin PDIP 28-pin SOIC 28-pin SSOP 28-pin QFN 28-pin PDIP 28-pin SOIC 28-pin SSOP 28-pin QFN 40-pin PDIP 44-pin TQFP 44-pin QFN 40-pin PDIP 44-pin TQFP 44-pin QFN 40-pin PDIP 44-pin TQFP 44-pin QFN 40-pin PDIP 44-pin TQFP 44-pin QFN |