công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F628A-I/ML bảng dữ liệu(PDF) 35 Page - Microchip Technology

tên linh kiện PIC16F628A-I/ML
Giải thích chi tiết về linh kiện  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628A-I/ML bảng dữ liệu(HTML) 35 Page - Microchip Technology

Back Button PIC16F628A-I/ML Datasheet HTML 31Page - Microchip Technology PIC16F628A-I/ML Datasheet HTML 32Page - Microchip Technology PIC16F628A-I/ML Datasheet HTML 33Page - Microchip Technology PIC16F628A-I/ML Datasheet HTML 34Page - Microchip Technology PIC16F628A-I/ML Datasheet HTML 35Page - Microchip Technology PIC16F628A-I/ML Datasheet HTML 36Page - Microchip Technology PIC16F628A-I/ML Datasheet HTML 37Page - Microchip Technology PIC16F628A-I/ML Datasheet HTML 38Page - Microchip Technology PIC16F628A-I/ML Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 178 page
background image
© 2007 Microchip Technology Inc.
DS40044F-page 33
PIC16F627A/628A/648A
FIGURE 5-4:
BLOCK DIAGRAM OF RA4/T0CKI/CMP2 PIN
FIGURE 5-5:
BLOCK DIAGRAM OF THE
RA5/MCLR/VPP PIN
FIGURE 5-6:
BLOCK DIAGRAM OF
RA6/OSC2/CLKOUT PIN
Data
Bus
Q
D
Q
CK
N
WR
PORTA
WR
TRISA
Data Latch
TRIS Latch
RD TRISA
RD PORTA
Vss
RA4 Pin
Q
D
Q
CK
D
Q
EN
TMR0 Clock Input
Schmitt Trigger
Input Buffer
Comparator Output
Comparator Mode = 110
Vss
1
0
(CMCON Reg.)
D
Q
EN
HV Detect
MCLR Filter
RA5/MCLR/VPP
MCLR
Program
MCLRE
RD
VSS
Data
Bus
VSS
PORTA
RD
circuit
mode
Schmitt Trigger
Input Buffer
TRISA
(Configuration Bit)
WR
D
CK
Q
Q
PORTA
WR
TRISA
VDD
VSS
CLKOUT(FOSC/4)
FOSC =
101, 111 (2)
QD
RD
EN
RD PORTA
FOSC =
D
CK
Q
Q
011, 100, 110 (1)
TRISA
From OSC1
OSC
Circuit
Note
1:
INTOSC with RA6 = I/O or RC with RA6 = I/O.
2: INTOSC with RA6 = CLKOUT or RC with
RA6 = CLKOUT.
Schmitt
Trigger
Input Buffer
Data Latch
TRIS Latch
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More