| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F010-E/MCSQTP bảng dữ liệu(PDF) 38 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F010-E/MCSQTP bảng dữ liệu(HTML) 38 Page - Microchip Technology |
|
38 / 116 page ![]() PIC12F510/16F506 DS41268C-page 36 Preliminary © 2007 Microchip Technology Inc. TABLE 5-6: REQUIREMENTS FOR DIGITAL PIN OPERATION (PIC16F506 PORTB)(1), (2) TABLE 5-7: REQUIREMENTS FOR DIGITAL PIN OPERATION (PIC16F506 PORTC)(1), (2) RB0 RB0 RB0 RB1 RB1 RB2 RB2 RB3 RB4 RB5 CM1CON0 C1ON — 01 0 1 0 1 — — — C1PREF — — 0 — — — — — — — C1NREF — — — — 0 — — — — — C1T0CS — — — — — — — — — — C1OUTEN — — — — — — 1 — — — CM2CON0 C2ON 1 — — — — — — — — — C2PREF1 0 — — — — — — — — — C2PREF2 1 — — — — — — — — — C2NREF — — — — — — — — — — C2OUTEN — — — — — — — — — — OPTION T0CS — — — — — — — — — — ADCON0 ANS<1:0> 00, 01 00 , 01 00 , 01 00 , 01, 10 00, 01, 10 00 00 — — — CONFIG MCLRE — — — — — — — 0 — — INTOSC — — — — — — — — — — LP — — — — — — — — Disabled Disabled EXTRC — — — — — — — — — Disabled XT — — — — — — — — Disabled Disabled EC — — — — — — — — — Disabled HS — — — — — — — — Disabled Disabled INTOSC CLKOUT — — — — — — — — Disabled Disabled EXTRC CLOCKOUT — — — — — — — — Disabled Disabled Note 1: Multiple column entries for a pin demonstrate the different permutations to arrive at digital functionality for the pin. 2: Shaded cells indicate the bit status does not affect the pins digital functionality. RC0 RC0 RC1 RC1 RC2 RC3 RC4 RC4 RC5 RC5 CM2CON0 C2ON 0 101 — — 01 — — C2PREF1 — 0 — — — — — — — — C2PREF2 — 0 — — — — — — — — C2NREF — — — 0 — — — — — — C2OUTEN — — — — — — — 1 — — VRCON0 VROE — — — — 0 — — ——— OPTION T0CS — — — — — — — — 0 — Note 1: Multiple column entries for a pin demonstrate the different permutations to arrive at digital functionality for the pin. 2: Shaded cells indicate the bit status does not affect the pins digital functionality. |