| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC12F635-E/ML bảng dữ liệu(PDF) 56 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F635-E/ML bảng dữ liệu(HTML) 56 Page - Microchip Technology |
|
56 / 234 page ![]() PIC12F635/PIC16F636/639 DS41232D-page 54 © 2007 Microchip Technology Inc. 4.2.4.4 RA3/MCLR/VPP Figure 4-4 shows the diagram for this pin. The RA3 pin is configurable to function as one of the following: • a general purpose input • as Master Clear Reset with weak pull-up • a high-voltage detect for Program mode entry FIGURE 4-4: BLOCK DIAGRAM OF RA3 Input VSS D Q CK Q D EN Q Data Bus RD PORTA RD PORTA WR IOCA RD IOCA Reset MCLRE RD TRISA VSS D EN Q MCLRE VDD Weak MCLRE Interrupt-on- change pin HV Detect Program Mode Q1 WURE Sleep |