| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SS13 bảng dữ liệu(PDF) 1 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
SS13 bảng dữ liệu(HTML) 1 Page - ON Semiconductor |
|
1 / 5 page ![]() DATA SHEET www.onsemi.com © Semiconductor Components Industries, LLC, 2018 August, 2023 − Rev. 3 1 Publication Order Number: SS19/D Schottky Rectifier SS12 - S100 Description The SS12−S100 series includes high−efficiency, low power loss, general−propose schottky rectifiers. The clip−bonded leg structure provides high thermal performance and low electrical resistance. These rectifiers are suited for free wheeling, secondary rectification, and reverse polarity protection applications. Features • Glass−Passivated Junctions • High−Current Capability, Low VF • These Devices are Pb−Free, Halogen Free and are RoHS Compliant Applications • Low Voltage • High−Frequency Inverters • Free Wheeling • Polarity Protection ORDERING INFORMATION Part Number Top Mark Package Shipping† SS12 SS12 SMA (Pb−Free/Halogen Free) 7500 / Tape & Reel SS13 SS13 SMA (Pb−Free/Halogen Free) 7500 / Tape & Reel SS14 SS14 SMA (Pb−Free/Halogen Free) 7500 / Tape & Reel SS15 SS15 SMA (Pb−Free/Halogen Free) 7500 / Tape & Reel SS16 SS16 SMA (Pb−Free/Halogen Free) 7500 / Tape & Reel SS18 SS18 SMA (Pb−Free/Halogen Free) 7500 / Tape & Reel SS19 SS19 SMA (Pb−Free/Halogen Free) 7500 / Tape & Reel S100 S100 SMA (Pb−Free/Halogen Free) 7500 / Tape & Reel †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. SMA CASE 403AE MARKING DIAGRAM &Z = Assembly Plant Code &3 = Date Code (Year & Week) Sxxx = Specific Device Code &Z&3 Sxxx Anode (1) Cathode (2) Cathode (2) Anode (1) |
Số phần tương tự - SS13 |
|
Mô tả tương tự - SS13 |