công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F685-E/PQTP bảng dữ liệu(PDF) 81 Page - Microchip Technology

tên linh kiện PIC16F685-E/PQTP
Giải thích chi tiết về linh kiện  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F685-E/PQTP bảng dữ liệu(HTML) 81 Page - Microchip Technology

Back Button PIC16F685-E/PQTP Datasheet HTML 77Page - Microchip Technology PIC16F685-E/PQTP Datasheet HTML 78Page - Microchip Technology PIC16F685-E/PQTP Datasheet HTML 79Page - Microchip Technology PIC16F685-E/PQTP Datasheet HTML 80Page - Microchip Technology PIC16F685-E/PQTP Datasheet HTML 81Page - Microchip Technology PIC16F685-E/PQTP Datasheet HTML 82Page - Microchip Technology PIC16F685-E/PQTP Datasheet HTML 83Page - Microchip Technology PIC16F685-E/PQTP Datasheet HTML 84Page - Microchip Technology PIC16F685-E/PQTP Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 294 page
background image
© 2007 Microchip Technology Inc.
DS41262D-page 79
PIC16F631/677/685/687/689/690
4.5.7
RC6/AN8/SS
The RC6/AN8/SS(1,2) is configurable to function as one
of the following:
• a general purpose I/O
• an analog input for the ADC (except PIC16F631)
• a slave select input
FIGURE 4-15:
BLOCK DIAGRAM OF RC6
4.5.8
RC7/AN9/SDO
The RC7/AN9/SDO(1,2) is configurable to function as
one of the following:
• a general purpose I/O
• an analog input for the ADC (except PIC16F631)
• a serial data output
FIGURE 4-16:
BLOCK DIAGRAM OF RC7
Note 1:
SS is available on
PIC16F687/PIC16F689/PIC16F690 only.
2: AN8 is not implemented on PIC16F631.
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
Data Bus
WR
PORTC
WR
TRISC
RD
TRISC
To A/D Converter(2)
RD
PORTC
Analog Input
Mode(1)
To SS Input
Available on PIC16F685/PIC16F690 only.
Note
1:
ANSEL determines Analog Input mode.
2:
Not implemented on PIC16F631.
I/O Pin
Note 1: SDO is available on PIC16F687/
PIC16F689/PIC16F690 only.
2: AN9 is not implemented on PIC16F631.
0
1
1
0
SDO
PORT/SDO
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
Data Bus
WR
PORTC
WR
TRISC
RD
TRISC
To A/D Converter(2)
RD
PORTC
Analog Input
Mode(1)
Available on PIC16F685/PIC16F690 only.
Note
1:
ANSEL determines Analog Input mode.
2:
Not implemented on PIC16F631.
I/O Pin
Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More