| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC12F519-E/P bảng dữ liệu(PDF) 9 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F519-E/P bảng dữ liệu(HTML) 9 Page - Microchip Technology |
|
9 / 88 page ![]() © 2007 Microchip Technology Inc. Preliminary DS41319A-page 7 PIC12F519 2.0 PIC12F519 DEVICE VARIETIES A variety of packaging options are available. Depending on application and production requirements, the proper device option can be selected using the information in this section. When placing orders, please use the PIC12F519 Product Identification System at the back of this data sheet to specify the correct part number. 2.1 Quick Turn Programming (QTP) Devices Microchip offers a QTP programming service for factory production orders. This service is made available for users who choose not to program medium-to-high quantity units and whose code patterns have stabilized. The devices are identical to the Flash devices but with all Flash locations and fuse options already programmed by the factory. Certain code and prototype verification procedures do apply before production shipments are available. Please contact your local Microchip Technology sales office for more details. 2.2 Serialized Quick Turn ProgrammingSM (SQTPSM) Devices Microchip offers a unique programming service, where a few user-defined locations in each device are programmed with different serial numbers. The serial numbers may be random, pseudo-random or sequential. Serial programming allows each device to have a unique number, which can serve as an entry code, password or ID number. |