| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC12F519-E/MS bảng dữ liệu(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F519-E/MS bảng dữ liệu(HTML) 13 Page - Microchip Technology |
|
13 / 88 page ![]() © 2007 Microchip Technology Inc. Preliminary DS41319A-page 11 PIC12F519 TABLE 3-2: PIC12F519 PINOUT DESCRIPTION Name Function Type Input Type Output Type Description RB0/ICSPDAT RB0 I/O TTL CMOS Bidirectional I/O port with weak pull-up ICSPDAT I/O ST CMOS ICSP™ mode Schmitt Trigger RB1/ICSPCLK RB1 I/O TTL CMOS Bidirectional I/O port with weak pull-up ICSPCLK I ST — ICSP™ mode Schmitt Trigger RB2/T0CKI RB2 I/O TTL CMOS Bidirectional I/O port T0CKI I ST — Timer0 clock input RB3/MCLR/VPP RB3 I TTL — Standard TTL input with weak pull-up MCLR IST — MCLR input – Weak pull-up always enabled in this mode VPP I High Voltage — Test mode high voltage pin RB4/OSC2 RB4 I/O TTL CMOS Bidirectional I/O port OSC2 O — XTAL XTAL oscillator output pin RB5/OSC1/CLKIN RB5 I/O TTL CMOS Bidirectional I/O port OSC1 I XTAL — XTAL oscillator input pin CLKIN I ST — EXTRC Schmitt Trigger input VDD VDD P — — Positive supply for logic and I/O pins VSS VSS P — — Ground reference for logic and I/O pins Legend: I = Input, O = Output, I/O = Input/Output, P = Power, — = Not Used, TTL = TTL input, ST = Schmitt Trigger input, AN = Analog Voltage |