công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F16-E/SSSQTP bảng dữ liệu(PDF) 72 Page - Microchip Technology

tên linh kiện PIC16F16-E/SSSQTP
Giải thích chi tiết về linh kiện  -bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F16-E/SSSQTP bảng dữ liệu(HTML) 72 Page - Microchip Technology

Back Button PIC16F16-E/SSSQTP Datasheet HTML 68Page - Microchip Technology PIC16F16-E/SSSQTP Datasheet HTML 69Page - Microchip Technology PIC16F16-E/SSSQTP Datasheet HTML 70Page - Microchip Technology PIC16F16-E/SSSQTP Datasheet HTML 71Page - Microchip Technology PIC16F16-E/SSSQTP Datasheet HTML 72Page - Microchip Technology PIC16F16-E/SSSQTP Datasheet HTML 73Page - Microchip Technology PIC16F16-E/SSSQTP Datasheet HTML 74Page - Microchip Technology PIC16F16-E/SSSQTP Datasheet HTML 75Page - Microchip Technology PIC16F16-E/SSSQTP Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 136 page
background image
PIC16F716
DS41206B-page 70
© 2007 Microchip Technology Inc.
TABLE 9-6:
INITIALIZATION CONDITIONS FOR ALL REGISTERS OF THE PIC16F716
Register
Power-on Reset,
Brown-out Reset
MCLR Resets
WDT Reset
Wake-up via WDT or
Interrupt
W
xxxx xxxx
uuuu uuuu
uuuu uuuu
INDF
N/A
N/A
N/A
TMR0
xxxx xxxx
uuuu uuuu
uuuu uuuu
PCL
0000h
0000h
PC + 1(2)
STATUS
0001 1xxx
000q quuu(3)
uuuq quuu(3)
FSR
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTA(4), (5), (6)
--xx 0000
--xx 0000
--uu uuuu
PORTB(4), (5)
xxxx xxxx
uuuu uuuu
uuuu uuuu
PCLATH
---0 0000
---0 0000
---u uuuu
INTCON
0000 -00x
0000 -00u
uuuu -uuu(1)
PIR1
-0-- -000
-0-- -000
-u-- -uuu(1)
TMR1L
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR1H
xxxx xxxx
uuuu uuuu
uuuu uuuu
T1CON
--00 0000
--uu uuuu
--uu uuuu
TMR2
0000 0000
0000 0000
uuuu uuuu
T2CON
-000 0000
-000 0000
-uuu uuuu
CCPR1L
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR1H
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP1CON
0000 0000
0000 0000
uuuu uuuu
PWM1CON
0000 0000
0000 0000
uuuu uuuu
ECCPAS
00-0 0000
00-0 0000
u-uu uuuu
ADRES
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADCON0
0000 0000
0000 0000
uuuu uuuu
OPTION_REG
1111 1111
1111 1111
uuuu uuuu
TRISA
--11 1111
--11 1111
--uu uuuu
TRISB
1111 1111
1111 1111
uuuu uuuu
PIE1
-0-- -000
-0-- -000
-u-- -uuu
PCON
---- --qq
---- --uu
---- --uu
PR2
1111 1111
1111 1111
uuuu uuuu
ADCON1
---- -000
---- -000
---- -uuu
Legend: u = unchanged,
x
= unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition
Note 1:
One or more bits in INTCON and/or PIR1 will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt vector
(0004h).
3:
See Table 9-5 for Reset value for specific condition.
4:
On any device Reset, these pins are configured as inputs.
5:
This is the value that will be in the port output latch.
6:
Output latches are unknown or unchanged. Analog inputs default to analog and read ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com