công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F16-I/SSSQTP bảng dữ liệu(PDF) 101 Page - Microchip Technology

tên linh kiện PIC16F16-I/SSSQTP
Giải thích chi tiết về linh kiện  -bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F16-I/SSSQTP bảng dữ liệu(HTML) 101 Page - Microchip Technology

Back Button PIC16F16-I/SSSQTP Datasheet HTML 97Page - Microchip Technology PIC16F16-I/SSSQTP Datasheet HTML 98Page - Microchip Technology PIC16F16-I/SSSQTP Datasheet HTML 99Page - Microchip Technology PIC16F16-I/SSSQTP Datasheet HTML 100Page - Microchip Technology PIC16F16-I/SSSQTP Datasheet HTML 101Page - Microchip Technology PIC16F16-I/SSSQTP Datasheet HTML 102Page - Microchip Technology PIC16F16-I/SSSQTP Datasheet HTML 103Page - Microchip Technology PIC16F16-I/SSSQTP Datasheet HTML 104Page - Microchip Technology PIC16F16-I/SSSQTP Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 136 page
background image
© 2007 Microchip Technology Inc.
DS41206B-page 99
PIC16F716
TABLE 12-2:
EXTERNAL CLOCK TIMING REQUIREMENTS
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
1A
FOSC
Ext. Clock Input Frequency(1)
DC
—
4
MHz RC and XT Osc modes
DC
—
20
MHz HS Osc mode
DC
—
200
kHz LP Osc mode
Oscillator Frequency(1)
DC
—
4
MHz RC Osc mode
0.1
—
4
MHz XT Osc mode
4
—
20
MHz HS Osc mode
5
—
200
kHz LP Osc mode
1TOSC
External CLKIN Period(1)
250
—
—
ns
RC and XT Osc modes
50
—
—
ns
HS Osc mode
5—
—
μs
LP Osc mode
Oscillator Period(1)
250
—
—
ns
RC Osc mode
250
—
10,000
ns
XT Osc mode
50
—
250
ns
HS Osc mode
5—
—
μs
LP Osc mode
2
Tcy
Instruction Cycle Time(1)
200
—
DC
ns
TCY = 4/FOSC
3*
TosL,
TosH
External Clock in (OSC1) High or
Low Time
100
—
—
ns
XT oscillator
2.5
—
—
μs
LP oscillator
15
—
—
ns
HS oscillator
4*
TosR,
TosF
External Clock in (OSC1) Rise or
Fall Time
—
—
25
ns
XT oscillator
—
—
50
ns
LP oscillator
—
—
15
ns
HS oscillator
* These parameters are characterized but not tested.
† Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
Instruction cycle period (TCY) equals four times the input oscillator time base period. All specified values
are based on characterization data for that particular oscillator type under standard operating conditions
with the device executing code. Exceeding these specified limits may result in an unstable oscillator
operation and/or higher than expected current consumption. All devices are tested to operate at “min”
values with an external clock applied to the OSC1/CLKIN pin.
When an external clock input is used, the “Max” cycle time limit is “DC” (no clock) for all devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com