công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC10F206T-E/P bảng dữ liệu(PDF) 18 Page - Microchip Technology

tên linh kiện PIC10F206T-E/P
Giải thích chi tiết về linh kiện  6-Pin, 8-Bit Flash Microcontrollers
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F206T-E/P bảng dữ liệu(HTML) 18 Page - Microchip Technology

Back Button PIC10F206T-E/P Datasheet HTML 14Page - Microchip Technology PIC10F206T-E/P Datasheet HTML 15Page - Microchip Technology PIC10F206T-E/P Datasheet HTML 16Page - Microchip Technology PIC10F206T-E/P Datasheet HTML 17Page - Microchip Technology PIC10F206T-E/P Datasheet HTML 18Page - Microchip Technology PIC10F206T-E/P Datasheet HTML 19Page - Microchip Technology PIC10F206T-E/P Datasheet HTML 20Page - Microchip Technology PIC10F206T-E/P Datasheet HTML 21Page - Microchip Technology PIC10F206T-E/P Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 96 page
background image
PIC10F200/202/204/206
DS41239D-page 16
© 2007 Microchip Technology Inc.
4.2
Program Memory Organization for
the PIC10F202/206
The PIC10F202/206 devices have a 10-bit Program
Counter (PC) capable of addressing a 1024 x 12
program memory space.
Only the first 512 x 12 (0000h-01FFh) for the
PIC10F202/206 are physically implemented (see
Figure 4-2). Accessing a location above these
boundaries will cause a wraparound within the first
512 x 12 space (PIC10F202/206). The effective
Reset vector is at 0000h (see Figure 4-2). Location
01FFh (PIC10F202/206) contains the internal clock
oscillator calibration value. This value should never
be overwritten.
FIGURE 4-2:
PROGRAM MEMORY MAP
AND STACK FOR THE
PIC10F202/206
4.3
Data Memory Organization
Data memory is composed of registers or bytes of
RAM. Therefore, data memory for a device is specified
by its register file. The register file is divided into two
functional groups: Special Function Registers (SFR)
and General Purpose Registers (GPR).
The Special Function Registers include the TMR0 reg-
ister, the Program Counter (PCL), the STATUS register,
the I/O register (GPIO) and the File Select Register
(FSR). In addition, Special Function Registers are used
to control the I/O port configuration and prescaler
options.
The General Purpose registers are used for data and
control information under command of the instructions.
For the PIC10F200/204, the register file is composed of
7 Special Function registers and 16 General Purpose
registers (see Figure 4-3 and Figure 4-4).
For the PIC10F202/206, the register file is composed of
8 Special Function registers and 24 General Purpose
registers (see Figure 4-4).
4.3.1
GENERAL PURPOSE REGISTER
FILE
The General Purpose Register file is accessed, either
directly or indirectly, through the File Select Register
(FSR). See Section 4.9 “Indirect Data Addressing:
INDF and FSR Registers”.
CALL, RETLW
PC<8:0>
Stack Level 1
Stack Level 2
10
0000h
02FFh
Reset Vector(1)
Note 1:
Address 0000h becomes the
effective Reset vector. Location
01FFh contains the MOVLW XX
internal oscillator calibration value.
512 Words
01FFh
0200h
On-chip Program
Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com