| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC10F200T-E/P bảng dữ liệu(PDF) 49 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC10F200T-E/P bảng dữ liệu(HTML) 49 Page - Microchip Technology |
|
49 / 96 page ![]() © 2007 Microchip Technology Inc. DS41239D-page 47 PIC10F200/202/204/206 FIGURE 9-6: WATCHDOG TIMER BLOCK DIAGRAM TABLE 9-4: SUMMARY OF REGISTERS ASSOCIATED WITH THE WATCHDOG TIMER Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on Power-On Reset Value on All Other Resets N/A OPTION GPWU GPPU T0CS T0SE PSA PS2 PS1 PS0 1111 1111 1111 1111 Legend: Shaded boxes = Not used by Watchdog Timer, – = unimplemented, read as ‘0’, u = unchanged. (Figure 6-5) Postscaler WDT Time-out Watchdog Time From Timer0 Clock Source WDT Enable Configuration Bit PSA Postscaler 8-to-1 MUX PS<2:0> (Figure 6-4) To Timer0 0 1 M U X 1 0 PSA MUX |