công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F688-E/STQTP bảng dữ liệu(PDF) 46 Page - Microchip Technology

tên linh kiện PIC16F688-E/STQTP
Giải thích chi tiết về linh kiện  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F688-E/STQTP bảng dữ liệu(HTML) 46 Page - Microchip Technology

Back Button PIC16F688-E/STQTP Datasheet HTML 42Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 43Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 44Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 45Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 46Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 47Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 48Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 49Page - Microchip Technology PIC16F688-E/STQTP Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 202 page
background image
PIC16F688
DS41203C-page 44
© 2007 Microchip Technology Inc.
4.3.5
RC4/C2OUT/TX/CK
Figure 4-9 shows the diagram for this pin. The RC4 is
configurable to function as one of the following:
• a general purpose I/O
• a digital output from the comparator
• a digital I/O for the EUSART
FIGURE 4-9:
BLOCK DIAGRAM OF RC4
4.3.6
RC5/RX/DT
The RC5 is configurable to function as one of the
following:
• a general purpose I/O
• a digital I/O for the EUSART
FIGURE 4-10:
BLOCK DIAGRAM OF RC5
PIN
TABLE 4-2:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTC
I/O Pin
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
Data Bus
WR
PORTC
WR
TRISC
RD
TRISC
RD
PORTC
1
0
USART Select(1)
C2OUT EN
Note
1:
USART Select signals selects between port
data and peripheral output.
To EUSART CLK Input
C2OUT
1
0
EUSART
TX/CLKOUT
I/O Pin
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
Data Bus
WR
PORTC
WR
TRISC
RD
TRISC
To EUSART RX/DT In
RD
PORTC
0
1
EUSART
EUSART Out
Enable
DT Out
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
ANSEL
ANS7
ANS6
ANS5
ANS4
ANS3
ANS2
ANS1
ANS0
1111 1111
1111 1111
CMCON0
C2OUT
C1OUT
C2INV
C1INV
CIS
CM2
CM1
CM0
0000 0000
0000 0000
PORTC
—
—
RC5
RC4
RC3
RC2
RC1
RC0
--xx 0000
--xx 0000
TRISC
—
—
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
--11 1111
--11 1111
Legend:
x
= unknown, u = unchanged, – = unimplemented locations read as ‘0’. Shaded cells are not used by PORTC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com