| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F913 bảng dữ liệu(PDF) 68 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F913 bảng dữ liệu(HTML) 68 Page - Microchip Technology |
|
68 / 330 page ![]() PIC16F913/914/916/917/946 DS41250F-page 66 © 2007 Microchip Technology Inc. 3.5.1.5 RC4/T1G/SDO/SEG11 Figure 3-18 shows the diagram for this pin. The RC4pin is configurable to function as one of the following: • a general purpose I/O • a Timer1 gate input • a serial data output • an analog output for the LCD FIGURE 3-18: BLOCK DIAGRAM OF RC4 SDO PORT/SDO Select RD PORTC Data Bus WR PORTC WR TRISC I/O Pin RD TRISC 1 0 Q D Q CK Data Latch Q D Q CK TRIS Latch Schmitt Trigger SE11 and LCDEN Timer1 Gate SEG11 SE11 and LCDEN VDD VSS |