| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F2458-I/ML bảng dữ liệu(PDF) 40 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F2458-I/ML bảng dữ liệu(HTML) 40 Page - Microchip Technology |
|
40 / 46 page ![]() PIC18F2458/2553/4458/4553 DS39887B-page 38 Preliminary © 2007 Microchip Technology Inc. APPENDIX C: MIGRATION FROM MID-RANGE TO ENHANCED DEVICES A detailed discussion of the differences between the mid-range MCU devices (i.e., PIC16CXXX) and the enhanced devices (i.e., PIC18FXXX) is provided in AN716, “Migrating Designs from PIC16C74A/74B to PIC18C442”. The changes discussed, while device specific, are generally applicable to all mid-range to enhanced device migrations. This Application Note is available as Literature Number DS00716. APPENDIX D: MIGRATION FROM HIGH-END TO ENHANCED DEVICES A detailed discussion of the migration pathway and differences between the high-end MCU devices (i.e., PIC17CXXX) and the enhanced devices (i.e., PIC18FXXX) is provided in AN726, “PIC17CXXX to PIC18CXXX Migration”. This Application Note is available as Literature Number DS00726. |