| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC12F683-E/MDQTP bảng dữ liệu(PDF) 71 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F683-E/MDQTP bảng dữ liệu(HTML) 71 Page - Microchip Technology |
|
71 / 176 page ![]() © 2007 Microchip Technology Inc. DS41211D-page 69 PIC12F683 TABLE 9-2: SUMMARY OF ASSOCIATED ADC REGISTERS Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR, BOR Value on all other Resets ADCON0 ADFM VCFG — — CHS1 CHS0 GO/DONE ADON 00-- 0000 0000 0000 ANSEL — ADCS2 ADCS1 ADCS0 ANS3 ANS2 ANS1 ANS0 -000 1111 -000 1111 ADRESH A/D Result Register High Byte xxxx xxxx uuuu uuuu ADRESL A/D Result Register Low Byte xxxx xxxx uuuu uuuu INTCON GIE PEIE T0IE INTE GPIE T0IF INTF GPIF 0000 0000 0000 000x PIE1 EEIE ADIE CCP1IE — CMIE OSFIE TMR2IE TMR1IE 000- 0000 0000 0000 PIR1 EEIF ADIF CCP1IF — CMIF OSFIF TMR2IF TMR1IF 000- 0000 000- 0000 GPIO — — GP5 GP4 GP3 GP2 GP1 GP0 --xx xxxx --uu uuuu TRISIO — — TRISIO5 TRISIO4 TRISIO3 TRISIO2 TRISIO1 TRISIO0 --11 1111 --11 1111 Legend: x = unknown, u = unchanged, — = unimplemented read as ‘0’. Shaded cells are not used for ADC module. |