công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F676-E/P bảng dữ liệu(PDF) 42 Page - Microchip Technology

tên linh kiện PIC16F676-E/P
Giải thích chi tiết về linh kiện  14-Pin FLASH-Based 8-Bit CMOS Microcontrollers
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F676-E/P bảng dữ liệu(HTML) 42 Page - Microchip Technology

Back Button PIC16F676-E/P Datasheet HTML 38Page - Microchip Technology PIC16F676-E/P Datasheet HTML 39Page - Microchip Technology PIC16F676-E/P Datasheet HTML 40Page - Microchip Technology PIC16F676-E/P Datasheet HTML 41Page - Microchip Technology PIC16F676-E/P Datasheet HTML 42Page - Microchip Technology PIC16F676-E/P Datasheet HTML 43Page - Microchip Technology PIC16F676-E/P Datasheet HTML 44Page - Microchip Technology PIC16F676-E/P Datasheet HTML 45Page - Microchip Technology PIC16F676-E/P Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 130 page
background image
PIC16F630/676
DS40039E-page 40
© 2007 Microchip Technology Inc.
6.3
Analog Input Connection
Considerations
A simplified circuit for an analog input is shown in
Figure 6-3. Since the analog pins are connected to a
digital output, they have reverse biased diodes to VDD
and VSS. The analog input, therefore, must be between
VSS and VDD. If the input voltage deviates from this
range by more than 0.6V in either direction, one of the
diodes is forward biased and a latchup may occur. A
maximum
source
impedance
of
10 k
Ω
is
recommended for the analog sources. Any external
component connected to an analog input pin, such as
a capacitor or a Zener diode, should have very little
leakage current.
FIGURE 6-3:
ANALOG INPUT MODE
6.4
Comparator Output
The comparator output, COUT, is read through the
CMCON register. This bit is read-only. The comparator
output may also be directly output to the RA2 pin in
three of the eight possible modes, as shown in
Figure 6-2. When in one of these modes, the output on
RA2 is asynchronous to the internal clock. Figure 6-4
shows the comparator output block diagram.
The TRISA<2> bit functions as an output enable/
disable for the RA2 pin while the comparator is in an
Output mode.
FIGURE 6-4:
MODIFIED COMPARATOR OUTPUT BLOCK DIAGRAM
VA
Rs < 10K
AIN
CPIN
5 pF
VDD
VT = 0.6V
VT = 0.6V
RIC
Leakage
±500 nA
Vss
Legend:
CPIN
= Input Capacitance
VT
= Threshold Voltage
ILEAKAGE
= Leakage Current at the pin due to Various Junctions
RIC
= Interconnect Resistance
RS
= Source Impedance
VA
= Analog Voltage
Note 1: When reading the PORTA register, all
pins configured as analog inputs will read
as a ‘0’. Pins configured as digital inputs
will convert an analog input according to
the TTL input specification.
2: Analog levels on any pin that is defined as
a digital input, may cause the input buffer
to
consume
more
current
than
is
specified.
To RA2/T0CKI pin
RD CMCON
Set CMIF bit
RESET
To Data Bus
CINV
CVREF
D
EN
Q
D
EN
Q
RD CMCON
RA1/CIN-
RA0/CIN+
CM2:CM0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com