công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S8FS-C20005 bảng dữ liệu(PDF) 1 Page - Omron Electronics LLC

tên linh kiện S8FS-C20005
Giải thích chi tiết về linh kiện  Switch Mode Power Supply (15/25/35/50/75/100/150/200/350-W Models)S8FS-C
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8FS-C20005 bảng dữ liệu(HTML) 1 Page - Omron Electronics LLC

  S8FS-C20005 Datasheet HTML 1Page - Omron Electronics LLC S8FS-C20005 Datasheet HTML 2Page - Omron Electronics LLC S8FS-C20005 Datasheet HTML 3Page - Omron Electronics LLC S8FS-C20005 Datasheet HTML 4Page - Omron Electronics LLC S8FS-C20005 Datasheet HTML 5Page - Omron Electronics LLC S8FS-C20005 Datasheet HTML 6Page - Omron Electronics LLC S8FS-C20005 Datasheet HTML 7Page - Omron Electronics LLC S8FS-C20005 Datasheet HTML 8Page - Omron Electronics LLC S8FS-C20005 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
1
Switch Mode Power Supply (15/25/35/50/75/100/150/200/350-W Models)
S8FS-C
High Reliability at a Reasonable Cost.
Reliable, Basic Power Supplies That
Contribute to Stable Equipment
Operation.
• High Reliability: Enhanced abnormal overvoltage
resistance and lightning surge resistance for stable
operation even with an unstable input voltage.
• Long Life: Japanese 105
°C electrolytic capacitors are used
to achieve stable quality and long life. A reliable 3-year
warranty.
*
• Wide Input Ranges: 100 to 120 VAC and 200 to 240 VAC
• Full Lineup: Models are available for the main output
voltages and capacities used in FA applications.
• Global Standards: Conforms to CE (all models), Approved
for UL (all models) and CCC (15 to 150-W models).
• Easy mounting to DIN Rails with Mounting Brackets.
* Refer to Period and Terms of Warranty on page 39.
Product Lineup
Model Number Structure
Model Number Legend
Note:
Not all combinations are possible. Refer to List of Models in Ordering Information on page 2.
Refer to Safety Precautions for All Power Supplies
and Safety Precautions on page 36.
Output voltage
(VDC)
Power rating
15 W
25 W
35 W
50 W
75 W
100 W
150 W
200 W
350 W
5 V
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
12 V
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
15 V
Yes
Yes
Yes
Yes
Yes
Yes
Yes
---
---
24 V
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
36 V
---
---
---
---
---
Yes
Yes
Yes
Yes
48 V
---
---
---
Yes
Yes
Yes
Yes
Yes
Yes
S8FS-C

(1)
(2)
(3)
(1) Power Rating
(2) Output Voltage
Code
Power rating
015
15 W
025
25 W
035
35 W
050
50 W
075
75 W
100
100 W
150
150 W
200
200 W
350
350 W
Code
Output voltage (VDC)
05
5 V
12
12 V
15
15 V
24
24 V
36
36 V
48
48 V
(3) Configuration
Code
Terminal Block Direction
Blank
Models with terminal block
facing upward
J
Models with terminal block
facing forward
D
Models with DIN rail


Số phần tương tự - S8FS-C20005

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Omron Electronics LLC
S8FS-G OMRON-S8FS-G Datasheet
7Mb / 34P
Switch Mode Power Supply S8FS-G (15/30/50/100/150/300/600-W Models)
S8FS-G01505C OMRON-S8FS-G01505C Datasheet
7Mb / 34P
Switch Mode Power Supply S8FS-G (15/30/50/100/150/300/600-W Models)
S8FS-G01505CD OMRON-S8FS-G01505CD Datasheet
7Mb / 34P
Switch Mode Power Supply S8FS-G (15/30/50/100/150/300/600-W Models)
S8FS-G01512C OMRON-S8FS-G01512C Datasheet
7Mb / 34P
Switch Mode Power Supply S8FS-G (15/30/50/100/150/300/600-W Models)
S8FS-G01512CD OMRON-S8FS-G01512CD Datasheet
7Mb / 34P
Switch Mode Power Supply S8FS-G (15/30/50/100/150/300/600-W Models)
More results

Mô tả tương tự - S8FS-C20005

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
STK400-040 SANYO-STK400-040 Datasheet
334Kb / 9P
AF Power Amplifier (Split Power Supply) (25 W 25 W 25 W min, THD = 0.4%)
STK400-060 SANYO-STK400-060 Datasheet
186Kb / 6P
AF Power Amplifier (Split Power Supply) (35 W 35 W 35 W min, THD = 0.4%)?
STK400-490 SANYO-STK400-490 Datasheet
267Kb / 8P
3ch AF Power Amplifier (Split Power Supply) (25 W 25 W 25 W, THD = 0.4%)?
logo
List of Unclassifed Man...
FSA150018A ETC2-FSA150018A Datasheet
175Kb / 3P
150 W ITE Open Frame Power Supply
JWS5015 ETC2-JWS5015 Datasheet
1Mb / 8P
JWS 50 75 100 150 Series Instruction Manual
SDS1000X-E ETC1-SDS1000X-E Datasheet
1Mb / 20P
100 MHz, 200 MHz bandwidth models
logo
Broadband TelCom Power,...
EVPC-200-2-480 BTCPOWER-EVPC-200-2-480 Datasheet
261Kb / 1P
Modular HPC System: 100, 150, 200, 350 kW
logo
ETA-USA
EPB-05SC28-A ETA-USA-EPB-05SC28-A Datasheet
239Kb / 3P
50, 75, 100, 150, 175 WATT
logo
Omron Electronics LLC
S8VK-T OMRON-S8VK-T Datasheet
4Mb / 20P
Switch Mode Power Supply (120/240/480/960 W Models)
S8FS-G OMRON-S8FS-G Datasheet
7Mb / 34P
Switch Mode Power Supply S8FS-G (15/30/50/100/150/300/600-W Models)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com