| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ELM327P bảng dữ liệu(PDF) 26 Page - ELM Electronics |
|
|
|||||||||||||||||||||||||||||
ELM327P bảng dữ liệu(HTML) 26 Page - ELM Electronics |
|
26 / 51 page ![]() 26 of 51 ELM327 ELM327DSC Elm Electronics – Circuits for the Hobbyist www.elmelectronics.com standard now allows 29 in total. The ELM327 does not normally show any of these extra bytes unless you turn that feature on with the Headers On command (AT H1). Issuing that allows you to see the header bytes and the checksum byte (for the J1850, ISO 9141 and ISO 14230 protocols). For the CAN protocols, you will see the ID bits, and other items which are normally hidden such as the PCI byte for ISO 15765, or the data length codes (if they are enabled with PP 29). Note that the ELM327 is not able to display the checksum information for CAN systems, or the IFR bytes for J1850 systems. It is not necessary to ever have to set these header byes, or to perform a checksum calculation, as the ELM327 will always do this for you. The header bytes are adjustable however, should you wish to experiment by using advanced techniques such as physical addressing. The next section provides a discussion on how to do this… OBD Message Formats (continued) |