công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L9653M bảng dữ liệu(PDF) 2 Page - EPCOS

tên linh kiện L9653M
Giải thích chi tiết về linh kiện  IF Filter for Audio Applications 33,90 MHz and 38,90 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EPCOS [EPCOS]
Trang chủ  http://www.epcos.com
Logo EPCOS - EPCOS

L9653M bảng dữ liệu(HTML) 2 Page - EPCOS

  L9653M Datasheet HTML 1Page - EPCOS L9653M Datasheet HTML 2Page - EPCOS L9653M Datasheet HTML 3Page - EPCOS L9653M Datasheet HTML 4Page - EPCOS L9653M Datasheet HTML 5Page - EPCOS L9653M Datasheet HTML 6Page - EPCOS L9653M Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Mar 31, 2006
SAW Components
L 9653 M
33,90 MHz and 38,90 MHz
IF Filter for Audio Applications
Data Sheet
Plastic package SIP5K
Standard
s
L/L’
Features
s
TV IF audio filter with two channels
s
Channel 1 (L’) with pass band for sound carrier
at 40,40 MHz
s
Channel 2 (L) with pass band for sound carrier at
32,40 MHz
Terminals
s
Tinned CuFe alloy
Pin configuration
1
Input
2
Switching Input
3
Chip carrier - ground
4
Output
5
Output
Type
Ordering code
Marking and package
according to
Packing
according to
L 9653 M
B39389-L9653-M100
C61157-A1-A15
F61074-V8067-Z000
Maximum ratings
Operating temperature range
TA
– 25/+ 65
˚C
Storage temperature range
Tstg
– 40/+ 85
˚C
DC voltage
VDC
5
V
between any terminals
AC voltage
Vpp
10
V
between any terminals
Dimensions in mm, approx. weight 1,0 g



Html Pages

1 2 3 4 5 6 7