| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F4685-I/SP bảng dữ liệu(PDF) 466 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4685-I/SP bảng dữ liệu(HTML) 466 Page - Microchip Technology |
|
466 / 484 page ![]() PIC18F2682/2685/4682/4685 DS39761B-page 464 Preliminary © 2007 Microchip Technology Inc. APPENDIX C: CONVERSION CONSIDERATIONS This appendix discusses the considerations for converting from previous versions of a device to the ones listed in this data sheet. Typically, these changes are due to the differences in the process technology used. An example of this type of conversion is from a PIC16C74A to a PIC16C74B. Not Applicable APPENDIX D: MIGRATION FROM BASELINE TO ENHANCED DEVICES This section discusses how to migrate from a Baseline device (i.e., PIC16C5X) to an Enhanced MCU device (i.e., PIC18FXXX). The following are the list of modifications over the PIC16C5X microcontroller family: Not Currently Available |