| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MBR735 bảng dữ liệu(PDF) 4 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
MBR735 bảng dữ liệu(HTML) 4 Page - International Rectifier |
|
4 / 7 page ![]() MBRBB7..PbF Series Bulletin PD-21048 rev. A 06/06 4 www.irf.com Fig. 7 - Max. Non-Repetitive Surge Current (Per Leg) Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current Fig. 6 - Forward Power Loss Characteristics (2) Formula used: T C = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = I F(AV) x VFM @ (IF(AV) / D) (see Fig. 6); Pd REV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = rated VR Average Forward Current - I F(AV) (A) Average Forward Current - I F(AV) (A) Square Wave Pulse Duration - t p (microsec) 100 1000 10 100 1000 10000 At Any Rated Load Condition And With Rated Vrrm Applied Following Surge 120 130 140 150 02 468 10 12 DC see note (2) Square Wave (D = 0.50) Rated Vr Applied 0 1 2 3 4 5 6 7 0 2 4 6 8 10 12 DC RMS Limit D = 0.75 D = 0.50 D = 0.33 D = 0.25 D = 0.20 |