công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP4011-103E/MS bảng dữ liệu(PDF) 45 Page - Microchip Technology

tên linh kiện MCP4011-103E/MS
Giải thích chi tiết về linh kiện  Low-Cost 64-Step Volatile Digital POT
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4011-103E/MS bảng dữ liệu(HTML) 45 Page - Microchip Technology

Back Button MCP4011-103E/MS Datasheet HTML 41Page - Microchip Technology MCP4011-103E/MS Datasheet HTML 42Page - Microchip Technology MCP4011-103E/MS Datasheet HTML 43Page - Microchip Technology MCP4011-103E/MS Datasheet HTML 44Page - Microchip Technology MCP4011-103E/MS Datasheet HTML 45Page - Microchip Technology MCP4011-103E/MS Datasheet HTML 46Page - Microchip Technology MCP4011-103E/MS Datasheet HTML 47Page - Microchip Technology MCP4011-103E/MS Datasheet HTML 48Page - Microchip Technology MCP4011-103E/MS Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
© 2006 Microchip Technology Inc.
DS21978C-page 45
MCP4011/2/3/4
8.2
Operational Amplifier
Applications
Figure 8-3, Figure 8-4 and Figure 8-5 illustrate typical
amplifier circuits that could replace fixed resistors with
the MCP4011/2/3/4 to achieve digitally-adjustable
analog solutions.
Figure 8-4 shows a circuit that allows a non-inverting
amplifier to have its’ offset and gain to be independently
trimmed. The MCP4011 is used along with resistors R1
and R2 to set the offset voltage. The sum of R1 + R2
resistance should be significantly greater (> 100 times)
the resistance value of the MCP4011. This allows each
increment or decrement in the MCP4011 to be a fine
adjustment of the offset voltage. The input voltage of
the op amp (V
IN) should be centered at the op amps V
w
voltage. The gain is adjusted by the MCP4012. If the
resistance value of the MCP4012 is small compared to
the resistance value of R3, then this is a fine adjustment
of the gain. If the resistance value of the MCP4012 is
equal (or large) compared to the resistance value of R3,
then this is a course adjustment of the gain. In general,
trim the course adjustments first and then trim the fine
adjustments.
FIGURE 8-3:
Trimming Offset and Gain in
an Inverting Amplifier.
FIGURE 8-4:
Trimming Offset and Gain in
a Non-Inverting Amplifier.
FIGURE 8-5:
Programmable Filter.
Op Amp
VIN
VOUT
B
A
W
+
–
MCP4011
R1
R2
B
A
VDD
W
R3
R4
MCP6001
Op Amp
VIN
VOUT
–
+
R1
R2
B
A
VDD
W
R3
MCP6291
MCP4012
AW
V
W
V
DD
Op Amp
VIN
VOUT
B
A
W
+
–
MCP4011
R1
R2
B
A
VDD
W
MCP4011
R3
R4
fc
1
2
π R
Eq C
⋅⋅
-----------------------------
=
Pot1
Pot2
REq
R1 RAB RWB
–
+
()
R2 RWB
+
() R
w
+
||
=
Thevenin
Equivalent
MCP6021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com