công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP4011-502E/MS bảng dữ liệu(PDF) 33 Page - Microchip Technology

tên linh kiện MCP4011-502E/MS
Giải thích chi tiết về linh kiện  Low-Cost 64-Step Volatile Digital POT
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4011-502E/MS bảng dữ liệu(HTML) 33 Page - Microchip Technology

Back Button MCP4011-502E/MS Datasheet HTML 29Page - Microchip Technology MCP4011-502E/MS Datasheet HTML 30Page - Microchip Technology MCP4011-502E/MS Datasheet HTML 31Page - Microchip Technology MCP4011-502E/MS Datasheet HTML 32Page - Microchip Technology MCP4011-502E/MS Datasheet HTML 33Page - Microchip Technology MCP4011-502E/MS Datasheet HTML 34Page - Microchip Technology MCP4011-502E/MS Datasheet HTML 35Page - Microchip Technology MCP4011-502E/MS Datasheet HTML 36Page - Microchip Technology MCP4011-502E/MS Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
© 2006 Microchip Technology Inc.
DS21978C-page 33
MCP4011/2/3/4
5.2.4
DECREMENT (FOR MCP402X
COMPATIBILITY)
This mode is achieved by initializing the U/D pin to a
low state (VIL) prior to achieving a low state (VIL) on the
CS pin. Subsequent rising edges of the U/D pin
decrement the wiper setting toward terminal B. This is
shown in Figure 5-4.
After the wiper is decremented to the desired position,
the U/D pin should remain high (VIH), and the CS pin
should be forced to VIH to ensure that “unexpected”
transitions on the U/D pin do not cause the wiper
setting to increment. Driving the CS pin to VIH should
occur as soon as possible (within device specifications)
after the last desired increment occurs.
When the device voltage falls below the RAM retention
voltage of the device, the wiper state may be corrupted.
When the device returns to the operating range, the
wiper will be loaded with the default POR wiper setting.
After the CS pin is driven to VIH (from VIL), any other
serial command may immediately be entered.
FIGURE 5-4:
Decrement (For MCP402X Compatibility).
Note:
This command allows compatibility with
the MCP402X family, which supports
updating of the non-volatile wiper setting.
Note:
The wiper value will not underflow. That is,
once the wiper value equals 0x00,
subsequent decrement commands are
ignored.
U/D
CS
Wiper
X-1
X
X-2
X-3
X-4
1
2
3
4
VIH
VIH
5
6
VIL
VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com