công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R4147F bảng dữ liệu(PDF) 24 Page - Hollingsworth

tên linh kiện R4147F
Giải thích chi tiết về linh kiện  Ring Tongue Terminal 10-12AWG Copper Yellow 27.69mm Tin
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLLINGSWORTH [Hollingsworth]
Trang chủ  https://hollingsworth.com/
Logo HOLLINGSWORTH - Hollingsworth

R4147F bảng dữ liệu(HTML) 24 Page - Hollingsworth

Back Button R4147F Datasheet HTML 18Page - Hollingsworth R4147F Datasheet HTML 19Page - Hollingsworth R4147F Datasheet HTML 20Page - Hollingsworth R4147F Datasheet HTML 21Page - Hollingsworth R4147F Datasheet HTML 22Page - Hollingsworth R4147F Datasheet HTML 23Page - Hollingsworth R4147F Datasheet HTML 24Page - Hollingsworth R4147F Datasheet HTML 25Page - Hollingsworth R4147F Datasheet HTML 26Page - Hollingsworth  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
Military Specifications
AS7928 is the most commonly used government specification for Solderless terminals. This specification permits the use of
Class 1 and Class 2 terminals.
•
Type I Class 1 terminals are those uninsulated terminals which, when crimped with an MS approved crimping tool, meet all
dimensional and performance requirements of the specification.
•
Type II Class 1 terminals are those insulated terminals which, when crimped with an MS approved tool, meet the
dimensional and performance requirements of the specification.
•
Both Type I Class 2 and Type II Class 2 terminals are those which, when crimped with tooling recommended by the
manufacturer, meet the performance requirements of the specifications.
The Hollingsworth terminals which are on the QPL can be found below.
MIL SPEC AS25036 (Insulated)
Item
W
W
C
C
E
E
L
L
Type II Class 1
Hand
Type II Class 2
Hand
Wire
Stud
Number.
In.
mm
In.
mm
In.
mm
In.
mm
Nylon
Tool
Nylon
Tool
Size
Size
MS25036-101
.22
5.59
.16
4.06
.63
16.00
.74
18.80
XR1881SN
H59
XR1881SN
H7B
22-18
6
MS25036-102
.25
.6.35
.32
8.13
.77
19.56
.87
22.10
XR1885SN
H59
XR1885SN
H7B
22-18
6
MS25036-103
.31
7.87
.32
8.13
.75
19.05
.91
23.11
XR1891SN
H59
XR1891SN
H7B
22-18
10
MS25036-104
.47
11.94
.44
11.18
.88
22.35
1.09 27.69
XR1895SN
H59
XR1895SN
H7B
22-18
5/16
MS25036-105
.53
13.46
.44
11.18
.90
22.86
1.17 29.72
XR1896SN
H59
XR1896SN
H7B
22-18
3/8
MS25036-106
.25
6.35
.16
4.06
.62
15.75
.74
18.80
XR2442SN
H59
XR2442SN
H7B
16-14
6
MS25036-107
.31
7.87
.28
7.11
.75
19.05
.91
23.11
XR1901SN
H59
XR1901SN
H7B
16-14
6
MS25036-108
.31
7.87
.28
7.11
.74
18.80
.90
22.86
XR1903SN
H59
XR1903SN
H7B
16-14
10
MS25036-109
.46
11.68
.44
11.18
.88
22.35
1.09 27.69
XR1907SN
H59
XR1907SN
H7B
16-14
5/16
MS25036-110
.53
13.46
.44
11.18
.90
22.86
1.17 29.72
XR1908SN
H59
XR1908SN
H7B
16-14
3/8
MS25036-111
.37
9.40
.28
7.11
.90
22.86
1.04 27.69
XR5107N
H59
XR5107N
H6E
12-10
6
MS25036-112
.37
9.40
.28
7.11
.90
22.86
1.09 27.69
XR5109N
H59
XR5109N
H6E
12-10
10
MS25036-113
.52
13.21
.47
11.94
1.07
27.18
1.32 33.53
XR5111N
H59
XR5111N
H6E
12-10
5/16
MS25036-114
.59
14.99
.50
12.70
1.12
28.45
1.41 35.81
XR5112N
H59
XR5112N
H6E
12-10
3/8
MS25036-143
.14
3.56
.17
4.32
.62
15.75
.69
17.53
XR26336N
H59
XR26336N
26-24
2
MS25036-144
.20
5.08
.22
5.59
.65
16.51
.76
19.30
XR26337N
H59
XR26337N
26-24
4
MS25036-145
.25
6.35
.29
7.37
.73
18.54
.86
21.84
XR26338N
H59
XR26338N
26-24
6
MS25036-146
.32
8.13
.29
7.37
.76
19.30
.86
21.84
XR26339N
H59
XR26339N
26-24
8
MS25036-147
.32
8.13
.29
7.37
.72
18.29
.86
21.84
XR26340N
H59
XR26340N
26-24
10
MS25036-148
.22
5.59
.16
4.06
.70
17.78
.73
18.54
XR1880SN
H59
XR1880SN
H7B
22-18
4
MS25036-149
.31
7.87
.32
8.13
.76
19.30
.93
23.62
XR1890SN
H59
XR1890SN
H7B
22-18
8
MS25036-150
.47
11.94
.44
11.18
.87
22.10
1.09 27.69
XR1894SN
H59
XR1894SN
H7B
22-18
1/4
MS25036-152
.25
6.39
.16
4.06
.59
14.99
.73
18.54
XR2441SN
H59
XR2441SN
H7B
16-14
4
MS25036-153
.31
7.87
.28
7.11
.72
18.29
.90
22.86
XR1902SN
H59
XR1902SN
H7B
16-14
8
MS25036-154
.46
11.68
.44
11.18
.87
22.10
1.12 28.45
XR1906SN
H59
XR1906SN
H7B
16-14
1/4
MS25036-156
.37
9.40
.28
7.11
.87
22.10
1.08 27.43
XR5108N
H59
XR5108N
H6E
12-10
8
MS25036-157
.52
13.21
.47
11.94
1.06
26.92
1.32 33.53
XR5110N
H59
XR5110N
H6E
12-10
1/4
MS25036-158
.71
18.03
.50
12.70
1.09
27.69
1.41 35.81
XR5117N
H59
XR5117N
H6E
12-10
1/2
MS25036-159
.22
5.59
.16
4.06
.70
17.78
.73
18.54
XR1879SN
H59
XR1879SN
H7B
22-18
2
MIL SPEC AS20659 (Non-Insulated)
Item
W
W
C
C
E
E
L
L
Type I
Type I
Wire
Stud
Number
In.
mm
In.
mm
In.
mm
In.
mm
Class 1
Class 2
Size
Size
MS20659-105
.37
9.40
.28
7.11
.56
14.22
.74
18.80
R3457B
R3457B
12-10
10
MS20659-106
.52
13.21
.47
11.94
.74
18.80
1.01
25.65
R3459B
R3459B
12-10
5/16
MS20659-128
.59
14.99
.50
12.70
.77
19.56
1.07
27.18
R3220B
R3220B
12-10
3/8
MS20659-165
.31
7.87
.27
6.86
.54
13.72
.70
17.78
R3453B
R3453B
12-10
6
MS20659-166
.71
18.03
.50
12.70
.77
19.56
1.13
28.70
R3223B
R3223B
12-10
1/2
MIL SPEC AS7928/7 (Non-Insulated) Ring Tongue
Item
W
W
C
C
E
E
L
L
Type I
Type I
Wire
Stud
Number
In.
mm
In.
mm
In.
mm
In.
mm
Class 1
Class 2
Size
Size
M7928/7-1
.22
5.58
.16
4.06
.43
10.92
.54
13.72
R4103B
R4103B
22-18
2
M7928/7-2
.22
5.58
.16
4.06
.43
10.92
.54
13.72
R4104B
R4104B
22-18
4
M7928/7-3
.28
7.12
.32
8.13
.58
14.73
.72
18.29
R4262B
R4262B
22-18
6
M7928/7-4
.28
7.12
.32
8.13
.58
14.73
.72
18.29
R4264B
R4264B
22-18
10
M7928/7-5
.47
11.94
.44
11.18
.70
17.78
.93
23.62
R4114B
R4114B
22-18
5/16
M7928/7-6
.53
13.46
.44
11.18
.70
17.78
.96
24.38
R4115B
R4115B
22-18
3/8
M7928/7-7
.31
7.87
.28
7.11
.55
13.97
.70
17.78
R4121B
R4121B
16-14
6
M7928/7-8
.31
7.87
.28
7.11
.55
13.97
.70
17.78
R4123B
R4123B
16-14
10
M7928/7-9
.44
11.18
.44
11.18
.71
18.03
.93
23.62
R4125B
R4125B
16-14
5/16
M7928/7-10
.53
13.46
.44
11.18
.70
17.78
.96
24.38
R4126B
R4126B
16-14
3/8
M7928/7-11
.25
6.35
.16
4.06
.43
10.92
.54
13.72
R4119B
R4119B
16-14
4
74
Most terminals available tape mounted.
Consult Electro-Term/Hollingsworth with your specifications.
800.638.8376 www.hollingsworth.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26