| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R4114B bảng dữ liệu(PDF) 24 Page - Hollingsworth |
|
|
|||||||||||||||||||||||||||||
R4114B bảng dữ liệu(HTML) 24 Page - Hollingsworth |
|
24 / 26 page ![]() Military Specifications AS7928 is the most commonly used government specification for Solderless terminals. This specification permits the use of Class 1 and Class 2 terminals. • Type I Class 1 terminals are those uninsulated terminals which, when crimped with an MS approved crimping tool, meet all dimensional and performance requirements of the specification. • Type II Class 1 terminals are those insulated terminals which, when crimped with an MS approved tool, meet the dimensional and performance requirements of the specification. • Both Type I Class 2 and Type II Class 2 terminals are those which, when crimped with tooling recommended by the manufacturer, meet the performance requirements of the specifications. The Hollingsworth terminals which are on the QPL can be found below. MIL SPEC AS25036 (Insulated) Item W W C C E E L L Type II Class 1 Hand Type II Class 2 Hand Wire Stud Number. In. mm In. mm In. mm In. mm Nylon Tool Nylon Tool Size Size MS25036-101 .22 5.59 .16 4.06 .63 16.00 .74 18.80 XR1881SN H59 XR1881SN H7B 22-18 6 MS25036-102 .25 .6.35 .32 8.13 .77 19.56 .87 22.10 XR1885SN H59 XR1885SN H7B 22-18 6 MS25036-103 .31 7.87 .32 8.13 .75 19.05 .91 23.11 XR1891SN H59 XR1891SN H7B 22-18 10 MS25036-104 .47 11.94 .44 11.18 .88 22.35 1.09 27.69 XR1895SN H59 XR1895SN H7B 22-18 5/16 MS25036-105 .53 13.46 .44 11.18 .90 22.86 1.17 29.72 XR1896SN H59 XR1896SN H7B 22-18 3/8 MS25036-106 .25 6.35 .16 4.06 .62 15.75 .74 18.80 XR2442SN H59 XR2442SN H7B 16-14 6 MS25036-107 .31 7.87 .28 7.11 .75 19.05 .91 23.11 XR1901SN H59 XR1901SN H7B 16-14 6 MS25036-108 .31 7.87 .28 7.11 .74 18.80 .90 22.86 XR1903SN H59 XR1903SN H7B 16-14 10 MS25036-109 .46 11.68 .44 11.18 .88 22.35 1.09 27.69 XR1907SN H59 XR1907SN H7B 16-14 5/16 MS25036-110 .53 13.46 .44 11.18 .90 22.86 1.17 29.72 XR1908SN H59 XR1908SN H7B 16-14 3/8 MS25036-111 .37 9.40 .28 7.11 .90 22.86 1.04 27.69 XR5107N H59 XR5107N H6E 12-10 6 MS25036-112 .37 9.40 .28 7.11 .90 22.86 1.09 27.69 XR5109N H59 XR5109N H6E 12-10 10 MS25036-113 .52 13.21 .47 11.94 1.07 27.18 1.32 33.53 XR5111N H59 XR5111N H6E 12-10 5/16 MS25036-114 .59 14.99 .50 12.70 1.12 28.45 1.41 35.81 XR5112N H59 XR5112N H6E 12-10 3/8 MS25036-143 .14 3.56 .17 4.32 .62 15.75 .69 17.53 XR26336N H59 XR26336N 26-24 2 MS25036-144 .20 5.08 .22 5.59 .65 16.51 .76 19.30 XR26337N H59 XR26337N 26-24 4 MS25036-145 .25 6.35 .29 7.37 .73 18.54 .86 21.84 XR26338N H59 XR26338N 26-24 6 MS25036-146 .32 8.13 .29 7.37 .76 19.30 .86 21.84 XR26339N H59 XR26339N 26-24 8 MS25036-147 .32 8.13 .29 7.37 .72 18.29 .86 21.84 XR26340N H59 XR26340N 26-24 10 MS25036-148 .22 5.59 .16 4.06 .70 17.78 .73 18.54 XR1880SN H59 XR1880SN H7B 22-18 4 MS25036-149 .31 7.87 .32 8.13 .76 19.30 .93 23.62 XR1890SN H59 XR1890SN H7B 22-18 8 MS25036-150 .47 11.94 .44 11.18 .87 22.10 1.09 27.69 XR1894SN H59 XR1894SN H7B 22-18 1/4 MS25036-152 .25 6.39 .16 4.06 .59 14.99 .73 18.54 XR2441SN H59 XR2441SN H7B 16-14 4 MS25036-153 .31 7.87 .28 7.11 .72 18.29 .90 22.86 XR1902SN H59 XR1902SN H7B 16-14 8 MS25036-154 .46 11.68 .44 11.18 .87 22.10 1.12 28.45 XR1906SN H59 XR1906SN H7B 16-14 1/4 MS25036-156 .37 9.40 .28 7.11 .87 22.10 1.08 27.43 XR5108N H59 XR5108N H6E 12-10 8 MS25036-157 .52 13.21 .47 11.94 1.06 26.92 1.32 33.53 XR5110N H59 XR5110N H6E 12-10 1/4 MS25036-158 .71 18.03 .50 12.70 1.09 27.69 1.41 35.81 XR5117N H59 XR5117N H6E 12-10 1/2 MS25036-159 .22 5.59 .16 4.06 .70 17.78 .73 18.54 XR1879SN H59 XR1879SN H7B 22-18 2 MIL SPEC AS20659 (Non-Insulated) Item W W C C E E L L Type I Type I Wire Stud Number In. mm In. mm In. mm In. mm Class 1 Class 2 Size Size MS20659-105 .37 9.40 .28 7.11 .56 14.22 .74 18.80 R3457B R3457B 12-10 10 MS20659-106 .52 13.21 .47 11.94 .74 18.80 1.01 25.65 R3459B R3459B 12-10 5/16 MS20659-128 .59 14.99 .50 12.70 .77 19.56 1.07 27.18 R3220B R3220B 12-10 3/8 MS20659-165 .31 7.87 .27 6.86 .54 13.72 .70 17.78 R3453B R3453B 12-10 6 MS20659-166 .71 18.03 .50 12.70 .77 19.56 1.13 28.70 R3223B R3223B 12-10 1/2 MIL SPEC AS7928/7 (Non-Insulated) Ring Tongue Item W W C C E E L L Type I Type I Wire Stud Number In. mm In. mm In. mm In. mm Class 1 Class 2 Size Size M7928/7-1 .22 5.58 .16 4.06 .43 10.92 .54 13.72 R4103B R4103B 22-18 2 M7928/7-2 .22 5.58 .16 4.06 .43 10.92 .54 13.72 R4104B R4104B 22-18 4 M7928/7-3 .28 7.12 .32 8.13 .58 14.73 .72 18.29 R4262B R4262B 22-18 6 M7928/7-4 .28 7.12 .32 8.13 .58 14.73 .72 18.29 R4264B R4264B 22-18 10 M7928/7-5 .47 11.94 .44 11.18 .70 17.78 .93 23.62 R4114B R4114B 22-18 5/16 M7928/7-6 .53 13.46 .44 11.18 .70 17.78 .96 24.38 R4115B R4115B 22-18 3/8 M7928/7-7 .31 7.87 .28 7.11 .55 13.97 .70 17.78 R4121B R4121B 16-14 6 M7928/7-8 .31 7.87 .28 7.11 .55 13.97 .70 17.78 R4123B R4123B 16-14 10 M7928/7-9 .44 11.18 .44 11.18 .71 18.03 .93 23.62 R4125B R4125B 16-14 5/16 M7928/7-10 .53 13.46 .44 11.18 .70 17.78 .96 24.38 R4126B R4126B 16-14 3/8 M7928/7-11 .25 6.35 .16 4.06 .43 10.92 .54 13.72 R4119B R4119B 16-14 4 74 Most terminals available tape mounted. Consult Electro-Term/Hollingsworth with your specifications. 800.638.8376 www.hollingsworth.com |