công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R4261SB bảng dữ liệu(PDF) 26 Page - Hollingsworth

tên linh kiện R4261SB
Giải thích chi tiết về linh kiện  Ring Tongue Terminal 10-12AWG Copper Yellow 27.69mm Tin
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLLINGSWORTH [Hollingsworth]
Trang chủ  https://hollingsworth.com/
Logo HOLLINGSWORTH - Hollingsworth

R4261SB bảng dữ liệu(HTML) 26 Page - Hollingsworth

Back Button R4261SB Datasheet HTML 18Page - Hollingsworth R4261SB Datasheet HTML 19Page - Hollingsworth R4261SB Datasheet HTML 20Page - Hollingsworth R4261SB Datasheet HTML 21Page - Hollingsworth R4261SB Datasheet HTML 22Page - Hollingsworth R4261SB Datasheet HTML 23Page - Hollingsworth R4261SB Datasheet HTML 24Page - Hollingsworth R4261SB Datasheet HTML 25Page - Hollingsworth R4261SB Datasheet HTML 26Page - Hollingsworth  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
Performance Characteristics
These tests were performed under strict laboratory controlled conditions and may vary depending on type of wire and terminal combinations, wire stripping methods, and maintenance or
proper gauging and calibration of manufacturer’s recommended tooling.
CHART 9072
Corrosion (Salt Spray) Test
48 hours, 5% NACL Fog
Note: Specification Maximum: Voltage drop of equivalent wire length, plus specification
allowance.
Salt Spray (Corrosion Test)
•
The purpose of this test, in which terminal samples are subjected to a file mist of
5% salt solution for a specific time (48 hours), is to provide an accelerated
laboratory conducted corrosion test.
•
The curves shown on chart 9072 plot the final voltage drops (i.e., after subjecting
the samples to salt spray), as called for in specification AS7928. For a terminal to
meet or exceed requirements, its voltage drop readings after test must fall below
limits shown in the upper curve (final). All Hollingsworth Military approved
terminals exceed AS7928 Salt Spray (Corrosion) Test requirements.
CHART 9073
Vibration Test 10-55 C.P.S.
36 hours
Note: Specification Maximum: Voltage drop of equivalent wire length, plus specification
allowance.
Vibration Test
•
The purpose of this test is to determine the detrimental effect of vibration on the
terminal. Terminals are attached to each end of a suitable length of wire. The test
terminals are mounted in a specially built vibration machine, confirming to the
requirements as set out in paragraph 4.7.7 of specifications AS7928.
•
The test terminals are subjected to vibrations of 10 through 55 cps. for a period of
18 hours in one plane and a further 18 hours in a plane normal to the first; a total
test period of 36 hours aand are subjected to voltage drop tests before and after
vibration.
•
The curves shown on chart 9073 plot voltage drops (i.e., after subjecting the
samples to the vibration test). For a terminal to meet or exceed requirements, its
voltage drop readings after test must fall below the limits shown in the upper curve
9final). All Hollingsworth Military approved terminals exceed AS7928 Vibrations
Tests.
Tensile Strength Test
•
The purpose of this test is to ensure secureness of the crimped terminal. The test is carried out as indicated under paragraph 4.7.8 of specifications AS7928.
•
After crimping the terminal to a suitable length of wire, it is placed in a standard tensile testing machine and sufficient force is applied to pull the wire out of the
terminal or break the wire, or the terminal.
•
The lower curve on charts 9074 and 9075 plots the minimum pull out force expected for the various wire sizes crimped. The upper curve plots average pull out forces measured in
actual tests on numerous samples. All Hollingsworth Military approved terminals exceed AS7928 Tensile Strength requirements.
CHART 9074
Tensile Strength Test 26-10 AWG
CHART 9075
Tensile Strength Test 8-4/0 AWG
AN WIRE SIZE
SPECIFICATION AS7928F MAX
HOLLINGSWORTH
TERMINAL MAXIMUM – AFTER CORROSION
AN WIRE SIZE
SPECIFICATION AS7928F MAX
HOLLINGSWORTH
TERMINAL MAXIMUM – AFTER VIBRATION
76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com