công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F688 bảng dữ liệu(PDF) 39 Page - Microchip Technology

tên linh kiện PIC16F688
Giải thích chi tiết về linh kiện  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F688 bảng dữ liệu(HTML) 39 Page - Microchip Technology

Back Button PIC16F688 Datasheet HTML 35Page - Microchip Technology PIC16F688 Datasheet HTML 36Page - Microchip Technology PIC16F688 Datasheet HTML 37Page - Microchip Technology PIC16F688 Datasheet HTML 38Page - Microchip Technology PIC16F688 Datasheet HTML 39Page - Microchip Technology PIC16F688 Datasheet HTML 40Page - Microchip Technology PIC16F688 Datasheet HTML 41Page - Microchip Technology PIC16F688 Datasheet HTML 42Page - Microchip Technology PIC16F688 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 174 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS41203B-page 37
PIC16F688
4.2.4.3
RA2/AN2/T0CKI/INT/C1OUT
Figure 4-3 shows the diagram for this pin. The RA2 pin
is configurable to function as one of the following:
• a general purpose I/O
• an analog input for the A/D
• the clock input for TMR0
• an external edge triggered interrupt
• a digital output from the comparator
FIGURE 4-3:
BLOCK DIAGRAM OF RA2
4.2.4.4
RA3/MCLR/VPP
Figure 4-4 shows the diagram for this pin. The RA3 pin
is configurable to function as one of the following:
• a general purpose input
• as Master Clear Reset with weak pull-up
FIGURE 4-4:
BLOCK DIAGRAM OF RA3
I/O pin
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
D
Q
CK
Q
D
Q
CK
Q
VDD
D
EN
Q
D
EN
Q
Weak
Analog(1)
Input Mode
Data Bus
WR
WPUA
RD
WPUA
RD
PORTA
WR
PORTA
WR
TRISA
RD
TRISA
WR
IOCA
RD
IOCA
To A/D Converter
0
1
C1OUT
C1OUT
Enable
To INT
To TMR0
Analog(1)
Input Mode
RAPU
RD PORTA
Interrupt-on-
change
Q3
Note
1:
Analog Input mode is based upon ANSEL.
Input
VSS
D
Q
CK
Q
D
EN
Q
Data Bus
RD PORTA
RD
PORTA
WR
IOCA
RD
IOCA
Reset
MCLRE
RD
TRISA
VSS
D
EN
Q
MCLRE
VDD
Weak
MCLRE
Interrupt-on-
change
pin
Q3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More