| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LTC1049 bảng dữ liệu(PDF) 13 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
LTC1049 bảng dữ liệu(HTML) 13 Page - Analog Devices |
|
13 / 16 page ![]() LTC2050/LTC2050HV 13 Rev. F For more information www.analog.com PACKAGE DESCRIPTION 1.50 – 1.75 (NOTE 4) 2.80 BSC 0.30 – 0.45 TYP 5 PLCS (NOTE 3) DATUM ‘A’ 0.09 – 0.20 (NOTE 3) S5 TSOT-23 0302 REV B PIN ONE 2.90 BSC (NOTE 4) 0.95 BSC 1.90 BSC 0.80 – 0.90 1.00 MAX 0.01 – 0.10 0.20 BSC 0.30 – 0.50 REF NOTE: 1. DIMENSIONS ARE IN MILLIMETERS 2. DRAWING NOT TO SCALE 3. DIMENSIONS ARE INCLUSIVE OF PLATING 4. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR 5. MOLD FLASH SHALL NOT EXCEED 0.254mm 6. JEDEC PACKAGE REFERENCE IS MO-193 3.85 MAX 0.62 MAX 0.95 REF RECOMMENDED SOLDER PAD LAYOUT PER IPC CALCULATOR 1.4 MIN 2.62 REF 1.22 REF S5 Package 5-Lead Plastic TSOT-23 (Reference LTC DWG # 05-08-1635 Rev B) |